Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4047BEY Datasheet(PDF) 9 Page - STMicroelectronics

Part # HCF4047BEY
Description  LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4047BEY Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HCF4047BEY Datasheet HTML 4Page - STMicroelectronics HCF4047BEY Datasheet HTML 5Page - STMicroelectronics HCF4047BEY Datasheet HTML 6Page - STMicroelectronics HCF4047BEY Datasheet HTML 7Page - STMicroelectronics HCF4047BEY Datasheet HTML 8Page - STMicroelectronics HCF4047BEY Datasheet HTML 9Page - STMicroelectronics HCF4047BEY Datasheet HTML 10Page - STMicroelectronics HCF4047BEY Datasheet HTML 11Page - STMicroelectronics HCF4047BEY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HCF4047B
9/12
6 - POWER CONSUMPTION
In the standby mode (Monostable or Astable),
power dissipation will be a function of leakage
current in the circuit, as shown in the static
electrical characteristics. For dynamic operation,
the power needed to charge the external timing
capacitor C is given by the following formula :
Astable Mode :
P = 2CV2f. (Output at Pin 13)
P = 4CV2f. (Output at Pin 10 and 11)
(2.9CV2) (Duty Cycle)
Monostable Mode : P = ——————————
T
(Output at Pin 10 and 11)
The circuit is designed so that most of the total
power is consumed in the external components. In
practice, the lower the values of frequency and
voltage
used,
the
closer the
actual power
dissipation will be to the calculated value.
Because the power dissipation does not depend
on R, a design for minimum power dissipation
would be a small value of C. The value of R would
depend
on
the
desired
period
(within
the
limitations discussed above).
7 - TIMING-COMPONENT LIMITATIONS
The capacitor used in the circuit should be
non-polarized and have low leakage (i.e. the
parallel resistance of the capacitor should be an
order of magnitude greater than the external
resistor used). Three is no upper or lower limit for
either R or C value to maintain oscillation.
However, in consideration of accuracy, C must be
much larger than the inherent stray capacitance in
the system (unless this capacitance can be
measured and taken into account). R must be
much larger than the COS/MOS "ON" resistance
in series with it, which typically is hundreds of
ohms. In addition, with very large values of R,
some short-term instability with respect to time
may be noted.
The recommended values for these components
to maintain agreement with previously calculated
formulas without trimming should be :
C > 100pF, up to any practical value, for astable
modes ;
C > 1000pF, up to any practical value, for
monostable modes.
10K
Ω< R < 1MΩ.
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 200KΩ
RT = ZOUT of pulse generator (typically 50Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com