Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD49330AHF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD49330AHF
Description  CDS/PGA & 12-bit A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49330AHF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD49330AHF Datasheet HTML 9Page - Renesas Technology Corp HD49330AHF Datasheet HTML 10Page - Renesas Technology Corp HD49330AHF Datasheet HTML 11Page - Renesas Technology Corp HD49330AHF Datasheet HTML 12Page - Renesas Technology Corp HD49330AHF Datasheet HTML 13Page - Renesas Technology Corp HD49330AHF Datasheet HTML 14Page - Renesas Technology Corp HD49330AHF Datasheet HTML 15Page - Renesas Technology Corp HD49330AHF Datasheet HTML 16Page - Renesas Technology Corp HD49330AHF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
HD49330AF/AHF
Rev.1.0, Apr.05.2004, page 13 of 19
Serial Interface Specifications
Resister 2
Resister 0
Resister 4 to 7
Test Mode (can not be used)
Resister 3
Resister 1
Low
Low to High
Low to High
SHA-fsel [0] (LSB)
SHA-fsel [1] (MSB)
SHSW-fsel [0] (LSB)
Low: Normal operation mode
High: Sleep mode
SLP
Low: Normal operation mode
High: Standby mode
STBY
Low: CDSIN input mode
High: YIN input mode
CSEL
Low: CDSIN input mode
High: YIN input mode
YSEL
Timing Specifications
Table 10 Serial Data Function List
SCK
CS
SDATA
DI
00
DI
01
DI
02
DI
03
DI
04
DI
05
DI
06
DI
07
DI
08
DI
09
DI
10
DI
11
DI
12
DI
13
DI
14
DI
15
Latches SDATA
at SCK rising edge
Data is determined
at CS rising edge
tINT1
tho
tsu
tINT2
fSCK
Figure 8 Serial Interface Timing Specifications
DI 00 (LSB)
DI 01
Low
Low
High
Low
Low
Low
Low
High
High
Low
High
High
DI 02
X
DI 03
DI 04
DI 05
DI 06
DI 07
DI 08
DI 09
DI 10
DI 11
DI 12
DI 13
DI 14
DI 15 (MSB)
PGA gain setting *
5
PGA gain setting (LSB) *
5
PGA gain setting *
5
PGA gain setting *
5
PGA gain setting *
5
PGA gain setting *
5
PGA gain setting *
5
PGA gain setting *
5
PGA gain setting *
5
PGA gain setting (MSB) *
5
Cannot be used. *
8
Cannot be used. *
8
Cannot be used. *
8
Cannot be used. *
8
Cannot be used. *
8
Cannot be used. *
8
Low
Low
Low
High
High
Low
tsu
tho
tINT1, 2
fSCK
50 ns
50 ns
50 ns
Min
5 MHz
Max
Notes: 1.
2.
3.
4.
5.
6.
7.
8.
2 byte continuous communications.
SDATA is latched at SCK rising edge.
Insert 16 clocks of SCK while CS is low.
Data is invalid if data transmission is aborted during transmission.
The gain conversion table differs in the CDSIN input mode and the ADCIN input mode.
STBY: Reference voltage generator circuit is in the operating state.
SLP: All circuits are in the sleep state.
This bit is used for the IC testing, and cannot be used by the user.
Please do not set up in addition to "ALL Low".
This bit is used for the IC testing, and cannot be used by the user.
It is set to the state on the right of a column when RESET bit is set to low. The register
3 should transmit by setup on the right of a column.
Output mode setting (LINV)
Output mode setting (MINV)
Output mode setting (TEST0)
SHAMP
frequency
character-
istics
switching
SHSW-fsel [1]
SHSW-fsel [2]
SHSW-fsel [3] (MSB)
SHSW
frequency
character-
istics
switching
HGstop-Hsel [1]
HGain-Nsel [0]
Clamp-level [3]
Clamp-level [2]
Clamp-level [1]
Clamp-level [0] (LSB)
Clamp-level [4] (MSB)
HGstop-Hsel [0]
HGain-Nsel [1]
Low: Normal mode
High: Low power mode
LoPwr
SPinv,
SPSIG/SPBLK/PBLK inversion
OBPinv, OBP inversion
Low: Reset mode
High: Normal operation mode
RESET
High-speed
lead-in
cancellation
time
High-speed
lead-in
gain
multiplication
YC-Bias off
Output mode setting (TEST1)
Cannot be used. *
7
All low
Cannot be used. *
7
All low
Cannot be used. *
7
All low
Cannot be used. *
7
All low
Average4, 4 lines average



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com