Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4047BM1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # HCF4047BM1
Description  LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4047BM1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCF4047BM1 Datasheet HTML 4Page - STMicroelectronics HCF4047BM1 Datasheet HTML 5Page - STMicroelectronics HCF4047BM1 Datasheet HTML 6Page - STMicroelectronics HCF4047BM1 Datasheet HTML 7Page - STMicroelectronics HCF4047BM1 Datasheet HTML 8Page - STMicroelectronics HCF4047BM1 Datasheet HTML 9Page - STMicroelectronics HCF4047BM1 Datasheet HTML 10Page - STMicroelectronics HCF4047BM1 Datasheet HTML 11Page - STMicroelectronics HCF4047BM1 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HCF4047B
8/12
Where tM = monostable mode pulse width. Values
for tM are as follows :
Typ : VTR = 0.5 VDD tM = 2.48 RC
Min : VTR = 0.33 VDD tM = 2.71 RC
Max : VTR = 0.67 VDD tM = 2.48 RC
Thus if tM = 2.48 RC is used, the maximum
variation will be (+ 9.3%, - 0.0%).
Note : In the astable mode, the first positive half
cycle has a duration of TM ; succeeding durations
are tA/2.
In addition to variations from unit to unit, the
monostable pulse width may vary as a function of
frequency with respect to VDD and temperature.
4 - RETRIGGER MODE
The HCF4047B can be used in the retrigger mode
to extend the output-pulse duration, or to compare
the frequency of an input signal with that of the
internal oscillator. In the retrigger mode the input
pulse is applied to terminals 8 and 12, and the
output is taken from terminal 10 or 11. As shown in
fig.A normal monostable action is obtained when
one retrigger pulse is applied. Extended pulse
duration is obtained when more than one pulse is
applied. For two input pulses, tRE = t1’ + t1 + 2t2.
For more than two pulses, tRE (Q OUTPUT)
terminates at some variable time tD after the
termination of the last retrigger pulse. tD is variable
because tRE (Q OUTPUT) terminates after the
second positive edge of the oscillator output
appears at flip-flop 4 (see logic diagram).
FIGURE A : Retrigger-mode waveforms
5 - EXTERNAL COUNTER OPTION
Time tM can be extended by any amount with the
use of external counting circuitry. Advantages
include digitally controlled pulse duration, small
timing capacitors for long time periods, and
extremely fast recovery time.
A typical implementation is shown in fig. B. The
pulse duration at the output is
text = (N - 1) (tA) + (tM + tA/2)
Where text = pulse duration of the circuitry, and N
is the number of counts used.
FIGURE B : Implementation of external counter option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com