Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSK210 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DSK210
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DSK210 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DSK210 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DSK210 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd DSK210 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Schottky Barrier Rectifier
Reverse Voltage - 20 to 200 V
Forward Current - 2.0A
Features
• Metal silicon junction, majority carrier conduction
• For surface mounted applications
• Low power loss, high efficiency
• High forward surge current capability
• For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
MECHANICAL DATA
• Case: SOD-123FL
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight:15mg 0.00048oz
PINNING
PIN
DESCRIPTION
1
Cathode
2
Anode
1
2
Top View
Marking Code: DSK22
---K22
DSK24
---K24
DSK26
---K26
DSK28
---K28
DSK210
---K210
DSK212
---K212
DSK215
---K215
DSK220
---K220
Simplified outline SOD-123FL and symbol
Absolute Maximum Ratings and Electrical characteristics
Ratings at 25
°C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load, for
capacitive load, derate by 20 %
Parameter
Symbols
DSK22
DSK24
DSK26
DSK28
DSK210
DSK212
DSK215
DSK220
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
40
60
80
100
120
150
200
V
Maximum RMS voltage
VRMS
14
28
42
56
70
84
105
140
V
Maximum DC Blocking Voltage
VDC
20
40
60
80
100
120
150
200
V
Maximum Average Forward Rectified Current
IF(AV)
2.0
A
Peak Forward Surge Current,8.3ms
IFSM
50
40
A
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 2 A
VF
0.55
0.70
0.85
0.95
V
Maximum DC Reverse Current
Ta = 25
°C
IR
0.5
0.3
mA
at Rated DC Reverse Voltage
Ta =100
°C
5
3
Typical Junction Capacitance (
1
)
Cj
220
80
pF
Typical Thermal Resistance(
2
)
RθJA
85
°C/W
Operating Junction Temperature Range
Tj
-55 ~ +150
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
(1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
DSK22 THRU DSK220
Rev : 01.06.2014
1/3
www.leiditech.com


Similar Part No. - DSK210

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DSK210 LUGUANG-DSK210 Datasheet
213Kb / 2P
Surface Mount Schottky Rectifier
logo
Guangdong Juxing Electr...
DSK210 JUXING-DSK210 Datasheet
879Kb / 2P
Surface Mount Schottky Rectifiers
logo
Microdiode Semiconducto...
DSK210 CHENDA-DSK210 Datasheet
566Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
DSK210 JUXING-DSK210 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
logo
Zibo Seno Electronic En...
DSK210 ZSELEC-DSK210 Datasheet
139Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - DSK210

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com