Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ-ASB Datasheet(PDF) 1 Page - SignalQuest, Inc.

Part # SQ-ASB
Description  ON/OFF SHOCK AND ACCELERATION SENSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGNALQUEST [SignalQuest, Inc.]
Direct Link  https://signalquest.com/
Logo SIGNALQUEST - SignalQuest, Inc.

SQ-ASB Datasheet(HTML) 1 Page - SignalQuest, Inc.

  SQ-ASB Datasheet HTML 1Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 2Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 3Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 4Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 5Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 6Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 7Page - SignalQuest, Inc. SQ-ASB Datasheet HTML 8Page - SignalQuest, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
SQ-ASX SERIES
ON/OFF SHOCK AND ACCELERATION SENSOR
Updated: 2014-05-22
© SignalQuest, LLC.
2014
10 Water St.
Lebanon, NH 03766 USA
Tel: 603.448.6266
Fax 603.218.6426
www.signalquest.com
info@signalquest.com
Page 1 of 8
FUNCTION
On / off shock & acceleration sensing
APPLICATIONS
Damage detection for medical products
Munitions
Security, anti-tamper, anti-theft, alarms
DESCRIPTION
The SQ-ASx series sensors act like
acceleration sensitive switches that open or
close when accelerated past an acceleration
threshold.
The sensor can be used to produces CMOS or
TTL pulses to interrupt (wake up) a
microcontroller. The sensor is fully passive,
requires no signal conditioning, and operates
with zero current or only 50 nA depending on
model.
PATENTS
Patented. United States: 8367952,
China: 101960316. Patents pending.
FEATURES
Miniature Size - 3.3 mm x 6.9 mm
Simple
Interface
-
No
signal
conditioning required
Made in USA - fully automated
production, 100% testing
Fast Response - < 100 uS
Multiple Sensitivities - 10 G to 1400 G
standard
Zero-power - or nanopower
Industrial Rated - 10 year life, -40º to
85º C
FUNCTIONAL DIAGRAMS
INPUT
OUTPUT
SQ-ASA series
Axially sensitive, singled ended, normally closed
SQ-ASB series
Omnidirectional, normally closed
SQ-ASC series
Axially sensitive, single ended, normally open
SQ-ASD series
Omnidirectional, normally open
SQ-ASE series
Radially sensitive, normally open
* See Functional Behavior for more details


Similar Part No. - SQ-ASB

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
SQ-40-R-10B MULTICOMP-SQ-40-R-10B Datasheet
268Kb / 2P
Ultrasonic Transmitter, Sensor & Housing
06/11/12 V1.0
SQ-40-T-10B MULTICOMP-SQ-40-T-10B Datasheet
268Kb / 2P
Ultrasonic Transmitter, Sensor & Housing
06/11/12 V1.0
logo
SYNERGY MICROWAVE CORPO...
SQ-67 SYNERGY-SQ-67 Datasheet
109Kb / 2P
90쨘 HYBRID 10% BANDWIDTH 427.5 - 477.5 MHz
logo
SignalQuest, Inc.
SQ-EVA-022 SIGNALQUEST-SQ-EVA-022 Datasheet
697Kb / 5P
NANO-POWER TILT AND VIBRATION SENSOR EVALUATION BOARD
SQ-GIX-2094 SIGNALQUEST-SQ-GIX-2094 Datasheet
1Mb / 25P
GRAVITYGYRO??DYNAMIC INCLINOMETER, J1939 Rugged AHRS
More results

Similar Description - SQ-ASB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SENACC-010 ETC2-SENACC-010 Datasheet
150Kb / 3P
Acceleration Sensor - SENACC
logo
HAMLIN Position and Mov...
HSS-2G0-10W-L HAMLIN-HSS-2G0-10W-L Datasheet
47Kb / 1P
Shock Sensor Features and Benefits
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
Digital, triaxial acceleration sensor
logo
SignalQuest, Inc.
SQ-SEN-6XX SIGNALQUEST-SQ-SEN-6XX Datasheet
677Kb / 8P
ON/OFF TILT SENSOR
SQ-SEN-390 SIGNALQUEST-SQ-SEN-390 Datasheet
523Kb / 6P
ON/OFF TILT SENSOR
logo
Pepperl+Fuchs Inc.
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
Acceleration sensor
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
Acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com