Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSK320 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DSK320
Description  Schottkyre ctifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DSK320 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DSK320 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DSK320 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd DSK320 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DSK32~DSK320
Features
●
Low profile package
●
Ideal for automated placement
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
Mechanical Date
Major Ratings and Characteristics
●
Case:
JEDEC SOD-123FL molded plastic
●
Terminals:
Solder plated, solderable per
JESD22-B102D
●
Polarity:
Laser band denotes cathode end
IF(AV)
3.0A
VRRM
20 V to 200 V
IFSM
100A
VF
0.50V, 0.55V, 0.70V, 0.85V,0.95V
Tj max.
125 °C
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.55 × 0.55'' ( 14 × 14 mm ) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Items
Symbol DSK32
Maximum repetitive peak
reverse voltage
VRRM
20
30
40
50
60
80
100
150
200
V
UNIT
Peak forward surge current 8.3
ms single half sine-wave
superimposed on rated load
IFSM
100
A
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Voltage rate of change
(rated VR)
dv/dt
10000
V/µs
Thermal resistance from
junction to lead
(1)
RθJL
20
℃
/W
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum average forward
rectified current
IF(AV)
3A
0.5
mA
Instantaneous forward
voltage
0.50
0.55
0.70
Tj=25℃
IR
Tj=100℃
V
VR=VDC
0.85
0.95
Reverse current
5.0
Symbol
IF=3.0A
(2)
VF
Operating junction and storage
temperature range
TJ,TSTG
–65 to +125
℃
Items
DSK315~320
DSK38~310
DSK35~36
Test conditions
Pb
–65 to +150
DSK36
DSK33 DSK34 DSK35
DSK38 DSK310DSK315 DSK320
SOD-123FL
DSK32 DSK33~34
UNIT
Schottky rectifier
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - DSK320

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DSK320 ZSELEC-DSK320 Datasheet
139Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Guangdong Juxing Electr...
DSK320 JUXING-DSK320 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
DSK320 JUXING-DSK320 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
logo
Microdiode Semiconducto...
DSK320 CHENDA-DSK320 Datasheet
920Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DSK320

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
B16WS LEIDITECH-B16WS Datasheet
545Kb / 3P
Schottkyre ctifier
BAS70 LEIDITECH-BAS70 Datasheet
505Kb / 3P
Schottky r e ctifier
SS12 LEIDITECH-SS12 Datasheet
1Mb / 2P
Schottkyre ctifier
SS12B LEIDITECH-SS12B Datasheet
363Kb / 3P
Schottkyre ctifier
SS22A LEIDITECH-SS22A Datasheet
349Kb / 3P
Schottkyre ctifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com