Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG1-48V Datasheet(PDF) 7 Page - Nais(Matsushita Electric Works)

Part # RG1-48V
Description  HIGH FREQUENCY RG RELAYS WITH 1C AND 2C CONTACTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

RG1-48V Datasheet(HTML) 7 Page - Nais(Matsushita Electric Works)

  RG1-48V Datasheet HTML 1Page - Nais(Matsushita Electric Works) RG1-48V Datasheet HTML 2Page - Nais(Matsushita Electric Works) RG1-48V Datasheet HTML 3Page - Nais(Matsushita Electric Works) RG1-48V Datasheet HTML 4Page - Nais(Matsushita Electric Works) RG1-48V Datasheet HTML 5Page - Nais(Matsushita Electric Works) RG1-48V Datasheet HTML 6Page - Nais(Matsushita Electric Works) RG1-48V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
111
RG
Spectrum analyzer
Measurement tool
NM type connector
50
Ω or 75 Ω
RG relay
40
1.575
40
1.575
A
70
2.756
1.5 dia.
.059
1.0 dia.
.039
2.5
.098
3.5
.138
70
2.756
PC board pattern
Expanslon of A
(1) Capacitor
Relay Ry
Capacitor
r
SW
E
(2) Diode
Relay Ry
Diode
SW
E
Test condition
mm inch
1. Characteristic impedance of all the
measuring devices (signal genera-
tor and cable) is 50
Ω or 75Ω.
2. The PC board for the test is double
side copper clad phenolic paper
laminate with thickness of 1.6 mm.
3. Grounding terminal holes are plated
through.
4. Grounding terminal and one of the
coil terminals are soldered to the PC
board to be grounded.
5. Connection with measurement in-
strument is made with semi-rigid ca-
ble (Uniform Tube UT 141A) and
high frequency NM type connector.
NOTES
1. Soldering
Perform soldering under the condi-
tions below.
• Within 10s at 250°C 482°F
• Within 5s at 300°C 572°F
• Within 3s at 350°C 662°F
2. Counter voltage of DC relays
If input is cut off in DC relays, a
counter voltage is developed across
the coil as a result of the collapse of
the magnetic field. If the coil is used in
a transistor circuit, the reverse voltage
produced from the coil can cause a
serious circuit malfunction.
This counter voltage can be reduced
considerably by connecting a capaci-
tor or a diode in parallel with the coil.
The level of reduction must be deter-
mined either by calculation if the coil
data is available or by experiment.
3. Latching relay
In order to assure proper operating
regardless of changes in the ambient
usage temperature and usage conditions,
nominal operating voltage should be
applied to the coil for more than 40 ms to
set/reset the latching type relay.
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com