Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP10C60 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # CP10C60
Description  Silicon Planar PNPN Thyristor (12A SCR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

CP10C60 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  CP10C60 Datasheet HTML 1Page - First Silicon Co., Ltd CP10C60 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
CP10C60
2019. 02. 06
1/2
Revision No : 0
Silicon Planar PNPN Thyristor (12A SCR)
MAIN FEATURES
Symbol
value
unit
IT(RMS)
12
A
VDRM/VRRM
600
V
ITSM
120
A
GENERAL DESCRIPTION
Glass passivated triacs in a plastic envelope,
intended for use in applications requiring
high bidirectional transient andblocking
voltage capability and high thermal cycling performance.
Typical applications include motor control,
industrial and domestic lighting, heating and static switching.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
e
u
l
a
v
r
e
t
e
m
a
r
a
p
l
o
b
m
y
s
unit
IT(RMS)
RMS on-state current (full sine wave)
TC=90℃
t=10ms
120
ITSM
Non repetitive surge peak on-state current (full sine wave, Tj =25
℃)
t=8.3ms
130
A
IGM
Peak gate current
4
A
PG(AV)
Average gate power dissipation
Tj=125
℃
0.5
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40 to +150
-40 to +125
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Rated repetitive peak off-state/reverse voltage
VDRM,VRRM
ID=10
μA
600
V
Rated repetitive peak off-state current
IDRM, IRRM
VD=6
V
0
2
10
μA
On-state voltage
VTM
IT=23A
1.75
V
20
mA
Gate trigger current
IGT
VD=12V
RL=100
Ω
1.30
Gate trigger voltage
VGT
VD=12V
RL=100
Ω
Holding current
IH
IT =100mA IG=20mA
20
mA
TO-220F
1. KATHODE
2. ANODE
3. GATE
=0.1A
I T
=0.1A
I T
1.4
TO-220F
A
12
V
A
A
B
C
C
D
D
E
E
F
G
H
H
1 52 MAX
1 52 MAX
J
K
L
M
L
N
N
N
O
Q
R
R
1
2
3
M
DIM
MILLIMETERS
10 16
0 20
+
_
15 00
0 20
+
_
3 00
0 20
+
_
0 625±0 125
3 50 typ
0 45
0 1
+
_
3 80
0 2
+
_
13 20
0 20
+
_
2 54
0 2
+
_
4 50
0 2
+
_
6 36
0 3
+
_
2 70
0 20
+
_
2 7 typ
16 80
0 4
+
_


Similar Part No. - CP10C60

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
CP10C60 APOLLOELECTRON-CP10C60 Datasheet
1Mb / 5P
Standard Gate Silicon Controlled Rectifiers
More results

Similar Description - CP10C60

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PCR0.6 JIANGSU-PCR0.6 Datasheet
525Kb / 3P
Silicon Planar PNPN Thyristor
logo
First Silicon Co., Ltd
C106B FS-C106B Datasheet
516Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
C106DB FS-C106DB Datasheet
511Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
C106M-Z FS-C106M-Z Datasheet
558Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
MCR100-8S FS-MCR100-8S Datasheet
424Kb / 3P
Silicon Planar PNPN Thyristor
TYN610 FS-TYN610 Datasheet
239Kb / 2P
Silicon Planar PNPN Thyristor (10A SCR)
TYN610F FS-TYN610F Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (10A SCR)
TYNA616 FS-TYNA616 Datasheet
142Kb / 3P
Silicon Planar PNPN Thyristor (16A SCR)
MCR703A FS-MCR703A Datasheet
550Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
2022. 03. 29 Revision No : 0
MCRP8PA-6V FS-MCRP8PA-6V Datasheet
276Kb / 4P
Silicon Planar PNPN Thyristor (0.8A SCR)
2022. 04. 06 Revision No : 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com