Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK1012C Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK1012C
Description  N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1012C Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK1012C Datasheet HTML 1Page - First Silicon Co., Ltd FTK1012C Datasheet HTML 2Page - First Silicon Co., Ltd FTK1012C Datasheet HTML 3Page - First Silicon Co., Ltd FTK1012C Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTK1012C
2021. 03. 03
1/4
Revision No : 0
1
2
3
SOT-523
t
i
n
U
e
u
l
a
V
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
n
i
a
r
D
DS
20
V
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
e
t
a
G
GS
± 8
V
Drain Current
at VGS = 4.5 V
Ta = 25
℃
Ta = 100
℃
ID
700
1)
440
1)
mA
Peak Drain Current, Pulsed (tp
≤ 10 μ
I
)
s
DM
2.8
A
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
D
300
1)
mW
Maximum Thermal Resistance from Junction to Ambient
RθJA
510
2)
℃/W
T
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
j
- 55 to + 150
℃
T
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
- 65 to + 150
℃
1) Device mounted on an FR-4 (PCB), single-sided copper, tin-plated, mounting pad for drain 1 cm2.
2) Device mounted on an FR-4 (PCB), single-sided copper, tin-plated and standard footprint.
Absolute Maximum Ratings (T = 25
℃)
FTK1012C
N-Channel Power MOSFET
V(BR)DSS
RDS(on)MAX
20 V
380mΩ@4.5V
620mΩ@2.5V
Feature
High-Side Switching
Low On-Resistance
Low Threshold
Fast Switching Speed
ESD protected up to 2 KV
Applications
Drivers:Relays, Solenoids, Lamps,
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
Hammers, Displays, Memories
Equivalent Circuit
a


Similar Part No. - FTK1012C

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK1012 FS-FTK1012 Datasheet
491Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
FTK1012SOT883 FS-FTK1012SOT883 Datasheet
333Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
More results

Similar Description - FTK1012C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com