Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYNA616 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # TYNA616
Description  Silicon Planar PNPN Thyristor (16A SCR)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TYNA616 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  TYNA616 Datasheet HTML 1Page - First Silicon Co., Ltd TYNA616 Datasheet HTML 2Page - First Silicon Co., Ltd TYNA616 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms, and
corresponding values of I2t
Figure 8.
On-state characteristics (maximum
values)
Figure 9.
Thermal resistance junction to
ambient versus copper surface
under tab
(epoxy printed circuit board FR4,
copper thickness: 35 µm) (D2PAK)
0.01
0.10
1.00
10.00
10
100
1000
2000
I
(A), I t (A s)
TSM
2
2
t (ms)
p
I t2
ITSM
T initial = 25°C
j
dI/dt limitation
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1
10
100
200
I (A)
TM
V (V)
TM
Tj=max
T =25°C
j
V =0.77V
R =23m
T max.:
j
t0
d
Ω
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
S(cm²)
R
(°C/W)
th(j-a)
2019. 11. 18
3/3
Revision No : 0
Typical Characteristics(Con.)
TYNA616



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com