Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4626 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4626
Description  Silicon NPN epitaxial planer type(For high-frequency amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4626 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4626 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4626 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4626 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC4626
Silicon NPN epitaxial planer type
For high-frequency amplification
Complementary to 2SA1790
s Features
q
Optimum for RF amplification of FM/AM radios.
q
High transition frequency fT.
q
SS-Mini type package, allowing downsizing of the equipment
and automatic insertion through the tape packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–75
3:Collector
SS–Mini Type Package
1.6
±0.15
0.8
±0.1
0.4
0.4
1
2
3
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
30
20
5
30
125
125
–55 ~ +125
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Forward current transfer ratio
Transition frequency
Noise figure
Reverse transfer impedance
Common emitter reverse transfer capacitance
Symbol
ICBO
hFE
*
fT
NF
Zrb
Cre
Conditions
VCB = 10V, IE = 0
VCB = 10V, IE = –1mA
VCB = 10V, IE = –1mA, f = 200MHz
VCB = 10V, IE = –1mA, f = 5MHz
VCB = 10V, IE = –1mA, f = 2MHz
VCB = 10V, IE = –1mA, f = 10.7MHz
min
70
150
typ
250
2.8
22
0.9
max
0.1
220
4
50
1.5
Unit
µA
MHz
dB
Ω
pF
Marking symbol :
V
*h
FE Rank classification
Rank
B
C
hFE
70 ~ 140
110 ~ 220
Marking Symbol
VB
VC


Similar Part No. - 2SC4626

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4626 PANASONIC-2SC4626 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SC4626 PANASONIC-2SC4626 Datasheet
251Kb / 1P
Transistors (Selection Guide by Applications and Functions)
2SC4626J PANASONIC-2SC4626J Datasheet
71Kb / 3P
For High-Frequency Amplification
More results

Similar Description - 2SC4626

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1047 PANASONIC-2SC1047 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC1359 PANASONIC-2SC1359 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2404 PANASONIC-2SC2404 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2778 PANASONIC-2SC2778 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4562 PANASONIC-2SC4562 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC829 PANASONIC-2SC829 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com