Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z10 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MM5Z10
Description  Standard Zener Breakdown Voltage Range 2.0 V to 75 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MM5Z10 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MM5Z10 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MM5Z10 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MM5Z10 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MM5Z10 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MM5Z2V0~MM5Z75
Features
• Standard Zener Breakdown Voltage Range
2.0 V to 75 V
• Steady State Power Rating of 200 mW
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Total Device Dissipaton
Ptot
200
mW
Junction and Storage Temperature Range
Tj , Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 10 mA
VF
0.9
V
Anode
2
Top View
Simplified outline SOD-523 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
Rev :
www.leiditech.com
01.06.2018
1/4


Similar Part No. - MM5Z10

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM5Z10 SEMTECH_ELEC-MM5Z10 Datasheet
266Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM5Z10 HTSEMI-MM5Z10 Datasheet
639Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM5Z10 DGNJDZ-MM5Z10 Datasheet
102Kb / 4P
SILICON PLANAR ZENER DIODES
MM5Z10 DGNJDZ-MM5Z10 Datasheet
115Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Sangdest Microelectroni...
MM5Z10 SMC-MM5Z10 Datasheet
103Kb / 4P
ZENER DIODES
More results

Similar Description - MM5Z10

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
SeCoS Halbleitertechnol...
RL201 SECOS-RL201 Datasheet
505Kb / 2P
Voltage Range 50 to 1000 V 2.0 AMP Silicon Rectifiers
logo
Shenzhen Luguang Electr...
DZ23C2V7-C51 LUGUANG-DZ23C2V7-C51 Datasheet
98Kb / 2P
Zener Voltage Range 2.7 V to 51 V. Dual Silicon Zener Diodes, Common Cathode
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZV55C11-TP MCC-BZV55C11-TP Datasheet
661Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
logo
Suntan Capacitors
BZX84C SUNTAN-BZX84C Datasheet
136Kb / 3P
Zener breakdown voltage range - 2.0 V to 75 V
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
Breakdown voltage range: 220 V
logo
Micro Commercial Compon...
BZM55C2V0 MCC-BZM55C2V0 Datasheet
177Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZT55C2V0 MCC-BZT55C2V0 Datasheet
135Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZV55C2V0 MCC-BZV55C2V0 Datasheet
421Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com