Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z12 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MM5Z12
Description  200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MM5Z12 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MM5Z12 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MM5Z12 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MM5Z12 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MM5Z12 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
200mW SOD-523 SURFACE MOUNT
Very Small Outline Flat Lead Plastic Package
Zener Voltage Regulators
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-55 to +150
°C
TOPR
Operating Temperature Range
-55 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.0V to 75V
Flat Lead SOD-523 Small Outline Plastic Package
Extremely Small SOD-523 Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
Device
Type
Device
Marking
VZ @ IZT
(Volts)
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
Min
Nom
Max
±
1.90
2.0
2.10
5
100
1
564
120
0.5
⊥
2.09
2.2
2.31
5
100
1
564
120
0.7
ELECTRICAL SYMBOL
Anode
SOD-523 Flat Lead
Cathode
MM5Z2V0
5
MM5Z2V0~MM5Z75
MM5Z2V2
5
50
2.2
2.4
2.6
5
100
1
1000
50
1
MM5Z2V7
51
2.5
2.7
2.9
5
100
1
1000
20
1
MM5Z3V0
52
2.8
3.0
3.2
5
100
1
1000
10
1
MM5Z3V3
53
3.1
3.3
3.5
5
95
1
1000
5
1
MM5Z3V6
54
3.4
3.6
3.8
5
90
1
1000
5
1
MM5Z3V9
55
3.7
3.9
4.1
5
90
1
1000
3
1
MM5Z4V3
56
4.0
4.3
4.6
5
90
1
1000
3
1
MM5Z4V7
57
4.4
4.7
5.0
5
80
1
800
3
2
MM5Z5V1
58
4.8
5.1
5.4
5
60
1
500
2
2
MM5Z5V6
59
5.2
5.6
6.0
5
40
1
200
1
2
MM5Z6V2
5A
5.8
6.2
6.6
5
10
1
100
3
4
MM5Z6V8
5B
6.4
6.8
7.2
5
15
1
160
2
4
MM5Z7V5
5C
7.0
7.5
7.9
5
15
1
160
1
5
MM5Z8V2
5D
7.7
8.2
8.7
5
15
1
160
0.7
5
MM5Z9V1
5E
8.5
9.1
9.6
5
15
1
160
0.2
7
MM5Z10
MM5Z11
MM5Z12
MM5Z13
5F
9.4
10
10.6
5
20
1
160
0.1
8
5G
10.4
11
11.6
5
20
1
160
0.1
8
5H
11.4
12
12.7
5
25
1
80
0.1
8
5J
12.4
13
14.1
5
30
1
80
0.1
8
MM5Z15
5K
14.3
15
15.8
5
30
1
80
0.05
10.5
MM5Z16
5L
15.3
16
17.1
5
40
1
80
0.05
11.2
MM5Z2V4
Rev :
www.leiditech.com
01.06.2018
1/4


Similar Part No. - MM5Z12

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM5Z12 SEMTECH_ELEC-MM5Z12 Datasheet
266Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM5Z12 HTSEMI-MM5Z12 Datasheet
639Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM5Z12 DGNJDZ-MM5Z12 Datasheet
102Kb / 4P
SILICON PLANAR ZENER DIODES
MM5Z12 DGNJDZ-MM5Z12 Datasheet
115Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Sangdest Microelectroni...
MM5Z12 SMC-MM5Z12 Datasheet
103Kb / 4P
ZENER DIODES
More results

Similar Description - MM5Z12

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW Datasheet
267Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW Datasheet
268Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C2V4 TAK_CHEONG-TCBZX584C2V4 Datasheet
255Kb / 5P
200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCMM5Z2V4 TAK_CHEONG-TCMM5Z2V4 Datasheet
243Kb / 5P
200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
UDZS2V4BW TAK_CHEONG-UDZS2V4BW Datasheet
153Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW_09 Datasheet
289Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW_09 Datasheet
290Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM5Z2V4B TAK_CHEONG-MM5Z2V4B Datasheet
278Kb / 5P
200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com