Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4627 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4627
Description  Silicon NPN epitaxial planer type(For high-frequency amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4627 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4627 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4627 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4627 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC4627
Silicon NPN epitaxial planer type
For high-frequency amplification
s Features
q
Optimum for RF amplification of FM/AM radios.
q
High transition frequency fT.
q
SS-Mini type package, allowing downsizing of the equipment
and automatic insertion through the tape packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–75
3:Collector
SS–Mini Type Package
1.6
±0.15
0.8
±0.1
0.4
0.4
1
2
3
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
30
20
3
15
125
125
–55 ~ +125
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to base voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter voltage
Transition frequency
Common emitter reverse transfer capacitance
Power gain
Noise figure
Symbol
VCBO
VEBO
hFE
*
VBE
fT
Cre
PG
NF
Conditions
IC = 10µA, IE = 0
IE = 10µA, IC = 0
VCB = 6V, IE = –1mA
VCB = 6V, IE = –1mA
VCB = 6V, IE = –1mA, f = 200MHz
VCB = 6V, IE = –1mA, f = 10.7MHz
VCB = 6V, IE = –1mA, f = 100MHz
VCB = 6V, IE = –1mA, f = 100MHz
min
30
3
40
450
typ
0.72
650
0.8
24
3.3
max
260
1
Unit
V
V
V
MHz
pF
dB
dB
Marking symbol :
U
*h
FE Rank classification
Rank
B
C
D
hFE
40 ~ 110
65 ~ 160
100 ~ 260
Marking Symbol
UB
UC
UD


Similar Part No. - 2SC4627

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4627 PANASONIC-2SC4627 Datasheet
251Kb / 1P
Transistors (Selection Guide by Applications and Functions)
logo
Galaxy Semi-Conductor H...
2SC4627 BILIN-2SC4627 Datasheet
171Kb / 4P
NPN High-frequency Transistor
Rev.A
logo
Panasonic Semiconductor
2SC4627J PANASONIC-2SC4627J Datasheet
65Kb / 3P
For High-Frequency Amplification
More results

Similar Description - 2SC4627

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1047 PANASONIC-2SC1047 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC1359 PANASONIC-2SC1359 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2404 PANASONIC-2SC2404 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2778 PANASONIC-2SC2778 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4562 PANASONIC-2SC4562 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4626 PANASONIC-2SC4626 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC829 PANASONIC-2SC829 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com