Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMF6.5A Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMF6.5A
Description  Working peak reverse voltage range ??5.0V to 190V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMF6.5A Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMF6.5A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF6.5A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF6.5A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMF6.5A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Package Outline Dimensions and Pad Layouts
SOD-123FL
Dim
Millimeters
Inches
Min
Max
Min
Max
A
3.40
3.85
0.142
0.150
B
2.50
2.90
0.098
0.114
C
1.40
1.80
0.055
0.071
D
0.90
1.35
0.035
0.053
E
0.50
1.10
0.020
0.043
G
0.25
------
0.010
----
H
------
0.20
----
0.008
Rev : 01.06.2014
4/4
www.leiditech.com
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
MMF5.0A/CA--MMF190A/CA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com