Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS20LCD0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DMS20LCD0
Description  3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DMS20LCD0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DMS20LCD0 Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS20LCD0 Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS20LCD0 Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS20LCD0 Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS20LCD0 Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS20LCD0 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
Features
Figure 1. DMS-20LCD Series Simplified Schematic
DMS-20LCD Series, 3½ Digit, LCD Display, Digital Voltmeters represent the
ultimate combination of low price, low power, small size and high performance in digital
meters. Epoxy encapsulated in a subminiature (1.38" x 0.88" x 0.43"), 12-pin DIP
package, these completely self-contained, fully operational meters offer a combination
of ruggedness, long-term reliability and component-like ease-of-use simply not
available in any other meters.
Incorporating a precision reference and a factory-calibrated, autozeroing A/D
converter, DMS-20LCD meters are extremely accurate (±1 count) and are only slightly
larger than their 0.37"/9.4mm, enhanced-contrast, LCD displays. All models incorpo-
rate a built-in bezel and are easily mounted in either panels or pc boards. Both backlit
and non-backlit versions are available.
DMS-20LCD meters have 4 differential input voltage ranges (±200mV, ±2V, ±20V
and ±200V) and a user-friendly input structure. Input impedance is a minimum 800k
Ω.
CMRR is typically 86dB with a CMV of ±2V. Non-inverting inputs are overvoltage
protected to ±100V (±250V for the ±200V input model).
All DMS-20LCD meters operate from a single +5V supply (drawing 400µA) or a
single +9V supply/battery (drawing 230µA). All models have a low-battery ("B")
annunciator and feature autopolarity changeover and overrange indication.
Also available is an application/evaluation board (DMS-EB2) that plugs directly onto
the back of any DMS-20LCD allowing direct inputs for common applications such as
4-20mA inputs, zero/gain adjust, decimal point location, and input voltage dividing.
••••• Lowest cost
••••• Lowest power, 2mW
••••• Subminiature size:
1.38" x 0.88" x 0.43"
35mm x 22mm x 11mm
••••• Large (0.37"/9.4mm), enhanced-
contrast LCD display
••••• Backlit displays optional
••••• Epoxy-encapsulated, 12-pin DIP
••••• Panel or pc-board mountable
••••• 4 differential input voltage ranges
••••• High accuracy, ±1 count (±0.05%)
••••• Single +5V supply or 9V battery
••••• Low-battery annunciator
••••• User-selectable decimal point placement
••••• 0 to +60°C temperature range
3½ Digit, LCD Display
Low-Cost, Subminiature
Digital Panel Voltmeters
DMS-20LCD Series
Actual Size
(+) INPUT HI
(–) INPUT LO
ANALOG
COMMON
REFERENCE OUT
REFERENCE IN
+5V SUPPLY/
+BATTERY
R1
DP 1
DP 2
DP 3
6
5
4
9
11
12
10
8
7
1
3
DC/DC
CONVERTER
2
5V RETURN/
–BATTERY
+5V
–5V
R2
» +2.0V
DATA
909k
V+
V–
A/D
CONVERTER
0 Vdc
0.01µF
N.C.
R2 is not used on ±200mV (-0) models or ±2V (-1) models.
R2 = 100k on ±20V (-2) models and 9.1k on ±200V (-3) models.
J1
DC/DC converter is not used on 9V-powered models,
J1 is connected.
N.C./BACKLIGHT
Used on backlit models only.
N.C. for non-backlit models.
+5V
Only used on ±200mV (-0) and ±2V (-1) models.
1
2
3
1
2
4
3
4
®®
www.datel.com


Similar Part No. - DMS20LCD0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DMS20-FM MURATA-DMS20-FM Datasheet
122Kb / 2P
Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
logo
Diodes Incorporated
DMS2085LSD DIODES-DMS2085LSD Datasheet
308Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMS2085LSD-13 DIODES-DMS2085LSD-13 Datasheet
308Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMS2085LSD DIODES-DMS2085LSD_15 Datasheet
308Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
Rev 2
DMS2095LFDB DIODES-DMS2095LFDB Datasheet
312Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMS20LCD0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS30PC ETC-DMS30PC Datasheet
155Kb / 6P
3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DPM2 ETC1-DPM2 Datasheet
53Kb / 2P
3 1/2 Digit Subminiature LCD Module
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM-2100 MURATA-DM-2100 Datasheet
780Kb / 3P
3-1/2 Digit Low Cost Digital Panel Meter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com