| Electronic Components Datasheet Search |
|
FXLS8964AFR1 Datasheet(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS8964AFR1 Datasheet(HTML) 30 Page - NXP Semiconductors |
|
30 / 98 page ![]() NXP Semiconductors FXLS8964AF 3-Axis Low-g Accelerometer FXLS8964AF All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Objective data sheet Rev. 2 — 30 October 2020 30 / 98 Callout Current mode Next mode Transition criteria EXT_TRIG WAKE BT_MODE = GND: Signal a low to high state transition on the INT2/EXT_TRIG pin to initiate an ADC conversion BT_MODE = VDD: The EXT_TRIG function is not available when BT_MODE = VDD; this transition is not possible 6 WAKE EXT_TRIG BT_MODE = GND: FXLS8964AF automatically return to the EXT_TRIG state once the previously triggered measurement has completed. BT_MODE = VDD: The EXT_TRIG function is not available when BT_MODE = VDD; this transition is not possible Standby WAKE BT_MODE = GND: Set SENS_CONFIG1[ACTIVE] = 1 BT_MODE = VDD: The SENS_CONFIG1[ACTIVE] bit is set automatically after the BOOT process completes when the INT1/MOT_DET pin is held high. The host may also manually set this bit using the I2C or SPI interfaces to resume motion detection mode after changing the device configuration (after entering Standby mode from WAKE mode via register command) 7 WAKE Standby BT_MODE = GND: Set SENS_CONFIG1[ACTIVE] = 0 BT_MODE = VDD: The SENS_CONFIG1[ACTIVE] bit is cleared automatically when the INT1/MOT_DET pin is brought low for ≥ TMOT_HIB ms; The host may also manually clear this bit using the I2C or SPI interfaces in order to change the default device configuration. WAKE SLEEP When ASLP_CNT ≥ 1, the device transitions to the SLEEP mode when none of the configured AWS interrupt source(s) clear the Auto-Wake/Sleep timer before it expires (host programmed ASLP_CNT value is reached), allowing the device to conserve energy by automatically using a lower ODR and/or power (performance) mode. 8 SLEEP WAKE One or more of the configured AWS event sources triggers the exit from SLEEP mode and entry into WAKE. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |