Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWMS2-DC-H Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # KWMS2-DC-H
Description  Plug-in Signal Conditioners K-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KWMS2-DC-H Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  KWMS2-DC-H Datasheet HTML 1Page - M-System Co.,Ltd. KWMS2-DC-H Datasheet HTML 2Page - M-System Co.,Ltd. KWMS2-DC-H Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: KWMS2
KWMS2 SPECIFICATIONS
ES-3520 Rev.6 Page 3/3
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
50 (1.97)
72 (2.83)
[3.3 (.13)]
60 (2.36)
72 (2.83)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
• When mounting, no extra space is needed between units.
12
5
6
14
11
1
10
15
4
3
2
7
9
8
103 (4.06)
132 (5.20)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
3
2
1
max.
min.
Base Socket
Low Drift
Amplifier
2
S
Z
4
12
POTENTIOMETER
5
Reference Volt.
Generator
U(+)
V(–)
POWER
7
14
+
–
OUTPUT 1
1
11
+
–
9
15
Isolation
Output
Driver
Output
Driver
OUTPUT 2
3
6
8
10
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com