Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI1031PDV Datasheet(PDF) 35 Page - Texas Instruments

Part # PCI1031PDV
Description  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1031PDV Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCI1031PDV Datasheet HTML 31Page - Texas Instruments PCI1031PDV Datasheet HTML 32Page - Texas Instruments PCI1031PDV Datasheet HTML 33Page - Texas Instruments PCI1031PDV Datasheet HTML 34Page - Texas Instruments PCI1031PDV Datasheet HTML 35Page - Texas Instruments PCI1031PDV Datasheet HTML 36Page - Texas Instruments PCI1031PDV Datasheet HTML 37Page - Texas Instruments PCI1031PDV Datasheet HTML 38Page - Texas Instruments PCI1031PDV Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PCI suspend/resume (continued)
NotOnResume
SUSPEND
PCIRESET
SUSPEND (high)
Power Up
Active
Suspend
Active
Needs SUSPEND
Does Not Need SUSPEND
Figure 9. PCI Reset and Suspend Mode
PC Card16 mode
When a 16-bit legacy PC Card is inserted into a socket, there are two options for minimizing power consumption.
The first is to use the card output enable (COE) bit (see bit 7 of the
ExCA power control register). When bit 7
is set, the outputs on the PC Card socket are placed in the high-impedance state. Bit 7 is software controlled.
Socket services must clear bit 7 to activate the socket. The second method is to set the power-down bit (see
bit 0 of the
ExCA global control register). When bit 0 is set, it enables an automated COE bit. When a card access
to a PC Card16 card is complete, the PCI1031 automatically places the card outputs in the high-impedance
state. When there is any activity on the socket, the outputs are automatically enabled.
The major difference between the use of the COE bit and the POWERDWN bit is that the COE bit resets the
PC Card16 PC Card and the POWERDWN bit does not. The POWERDWN bit continues to drive the Card
RESET line inactive, while the COE bit puts the RESET line in the high-impedance state.
PCI configuration header registers
A number of registers found in the PCI1031 PCI configuration space are defined in the PCI-to-PCI bridge
architecture specification revision 1.0, which, in turn, are common to the PCI local bus specification revision 2.1.
Registers common to both specifications are the device ID, vendor ID, status, command, class code, revision
ID, BIST, header type, latency timer, cache line size, interrupt pin, and interrupt line registers.
The following PCI specific registers listed in the previous paragraph are applicable to the entire device and are
not specific to any one PCI function (i.e., PC Card socket) on the PCI1031. These registers include the
device ID, vendor ID, status, command, class code, revision ID, BIST, header type, latency timer, cache line
size, interrupt pin, and interrupt line registers. Each register is mapped to the same location in both PCI
configuration spaces. Access is possible by addressing the configuration space of either function, but host
software should consistently access PCI specific registers through a single function. Detailed descriptions of
the PCI specific registers follow and are listed in Table 12. Most of the registers are implemented in the PCI1031
as defined in either the PCI local bus specification revision 2.1, the PCI-to-PCI bridge architecture specification
revision 1.0, or the Yenta specification revision 2.1. References to these documents are made where
appropriate. Additional register bits defined in the bridge control register (see
bridge control) enable features
specific to CardBus memory windows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com