Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4052 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # CD4052
Description  two-way four-choice analog switch circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

CD4052 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  CD4052 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4052 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4052 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4052 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4052 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4052 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4052 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4052 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd CD4052 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2.2、引脚排列图
12
11
0B
16
15
14
13
1
2
3
4
5
6
7
8
9
10
Y
E
2B
Y
B
Z
3B
Y
1B
Y
EE
V
SS
V
DD
V
2A
Y
1A
Y
A
Z
0A
Y
3A
Y
0
A
A1
2.3、引脚说明
引脚
符
号
功
能
引脚
符
号
功
能
1
Y0B
B 路独立输入/输出
9
A1
选择输入
2
Y2B
B 路独立输入/输出
10
A0
选择输入
3
ZB
A、B 路各自共用输入/输出
11
Y3A
A 路独立输入/输出
4
Y3B
B 路独立输入/输出
12
Y0A
A 路独立输入/输出
5
Y1B
B 路独立输入/输出
13
ZA
A、B 路各自共用输入/输出
6
E
使能输入(低电平有效)
14
Y1A
A 路独立输入/输出
7
VEE
负电源电压
15
Y2A
A 路独立输入/输出
8
VSS
接地
16
VDD
正电源电压
2.4、功能说明(真值表、逻辑关系等)
输入
E
A1
A0
沟道导通
L
L
L
Y0A-ZA; Y0B-ZB
L
L
H
Y1A-ZA; Y1B-ZB
L
H
L
Y2A-ZA; Y2B-ZB
L
H
H
Y3A-ZA; Y3B-ZB
H
×
×
无
注:
1. H 是高电平状态(较高的正电压)
2. L 是低电平状态(较低的正电压)
3."×"是任意状态



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com