Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS1043A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LS1043A
Description  QorIQ LS1043A Reference Design Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1043A Datasheet(HTML) 1 Page - NXP Semiconductors

  LS1043A Datasheet HTML 1Page - NXP Semiconductors LS1043A Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QorIQ® LS1
Processor Family
QorIQ LS1043A Reference
Design Board
The QorIQ LS1043A processor is NXP’s first quad-core, 64-bit ARM®-based processor
for embedded networking and industrial infrastructure.
PROCESSOR OVERVIEW
Both the dual-core version (LS1023A) and quad-core version
(LS1043A) deliver greater than 10 Gbit/s of performance,
flexible I/O and support for fanless, small-form-factor designs
with BOM optimizations for economic low-layer PCB, lower
cost power supply and single clock design such as integrated
service branch routers, SDN and NFV edge platforms,
industry 4.0 gateways, industrial PLC and control and
security appliances.
The QorIQ LS1043A processor takes ARM processing
performance to the next level with up to four 64-bit cores
operating at 1.6 GHz and a large 1 MB L2 cache for the
best CPU performance per watt in a processor that runs on
voltage as low as five watts. This powerful CPU complex is
coupled with the proven offload engines of the QorIQ data
path acceleration architecture (DPAA) to deliver up to 10
Gbit/s performance and protocol processing with minimal
CPU overhead.
REFERENCE DESIGN BOARD
The QorIQ LS1043A reference design board (LS1043A-RDB)
and NXP software development kit (SDK) can help shorten
your time-to-market. The board, which exercises most
capabilities of the device, serves as a reference for your
hardware development. It can also be used as a debug tool
to check behaviors on the board compared to behaviors
seen on prototype boards.
The LS1043A-RDB supports one PCI Express® slot, one
mini-PCI Express connector, an SD/MMC connector
interface and three USB 3.0 receptacles. These components,
integrated with the QorIQ LS1043A processor, provide an
applicationspecific platform that can help you get a jump
start on your next design. The LS1043A-RDB also supports 2
GB of DDR4 at 1600 MHz, 128 MB of NOR flash and 512 MB
NAND flash.
In addition, the LS1043A-RDB is loaded with the Embedded
Linux® software development kit (SDK) for QorIQ processors
v1.8. The SDK includes a 64-bit SMP Linux kernel, user
space DPAA for high-performance packet handling, U-boot,
the GCC tool chain and virtualization support and many
other features.


Similar Part No. - LS1043A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LS1043A NXP-LS1043A Datasheet
4Mb / 2P
The QorIQ LS1043A processor is NXP?셲 first quad-core, 64-bit ARM짰-based processor for embedded networking and industrial infrastructure.
2015??016
LS1043ARDBFS NXP-LS1043ARDBFS Datasheet
4Mb / 2P
The QorIQ LS1043A processor is NXP?셲 first quad-core, 64-bit ARM짰-based processor for embedded networking and industrial infrastructure.
2015??016
More results

Similar Description - LS1043A

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
Freescale Semiconductor...
P1020RDB-PB FREESCALE-P1020RDB-PB Datasheet
585Kb / 2P
P1020/P1011 Reference Design Board
P1022DS-PB FREESCALE-P1022DS-PB Datasheet
468Kb / 2P
P1020/P1011 Reference Design Board
logo
Texas Instruments
LM3407 TI1-LM3407_14 Datasheet
427Kb / 13P
Evaluation Board Reference Design
logo
STMicroelectronics
AN2141 STMICROELECTRONICS-AN2141 Datasheet
310Kb / 18P
LED array reference design board
22-Jan-2008
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
Freescale Semiconductor...
T1024 FREESCALE-T1024 Datasheet
549Kb / 49P
QorIQ T1024 Reference Design Board
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com