Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8732-Q1 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # LP8732-Q1
Description  LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8732-Q1 Datasheet(HTML) 73 Page - Texas Instruments

Back Button LP8732-Q1 Datasheet HTML 69Page - Texas Instruments LP8732-Q1 Datasheet HTML 70Page - Texas Instruments LP8732-Q1 Datasheet HTML 71Page - Texas Instruments LP8732-Q1 Datasheet HTML 72Page - Texas Instruments LP8732-Q1 Datasheet HTML 73Page - Texas Instruments LP8732-Q1 Datasheet HTML 74Page - Texas Instruments LP8732-Q1 Datasheet HTML 75Page - Texas Instruments LP8732-Q1 Datasheet HTML 76Page - Texas Instruments LP8732-Q1 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
73
LP8732-Q1
www.ti.com
SNVSB63 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 78. LDO VOUT Transition from 1.2 V to 1.8 V
Start-up
delay is 500
µs
Figure 79. LDO Start-Up With Short on Output
9 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.8 V and 5.5 V. The VANA input
and VIN_Bx buck inputs must be connected together, and they must use the same input supply. This input
supply must be well regulated and able to withstand maximum input current and maintain stable voltage without
voltage drop even at load transition condition. The resistance of the input supply rail must be low enough that the
input current transient does not cause too high a drop in the LP8732xx-Q1 supply voltage that can cause false
UVLO fault triggering. If the input supply is located more than a few inches from the LP8732xx-Q1 additional bulk
capacitance may be required in addition to the ceramic bypass capacitors. The VIN_LDOx LDO input supply
voltage range is 2.5 V to 5.5 V and can be higher or lower than VANA supply voltage.
10 Layout
10.1 Layout Guidelines
The high frequency and large switching currents of the LP8732xx-Q1 make the choice of layout important. Good
power supply results only occur when care is given to proper design and layout. Layout affects noise pickup and
generation and can cause a good design to perform with less-than-expected results. With a range of output
currents from milliamps to several amps, good power supply layout is much more difficult than most general PCB
design. Use the following steps as a reference to ensure the device is stable and maintains proper voltage and
current regulation across its intended operating voltage and current range.
1. Place CIN as close as possible to the VIN_Bx pin and the PGND_Bx pin. Route the VIN trace wide and thick
to avoid IR drops. The trace between the positive node of the input capacitor and the VIN_Bx pin(s) of
LP8732xx-Q1, as well as the trace between the negative node of the input capacitor and power PGND_Bx
pin(s), must be kept as short as possible. The input capacitance provides a low-impedance voltage source
for the switching converter. The inductance of the connection is the most important parameter of a local
decoupling capacitor — parasitic inductance on these traces must be kept as small as possible for proper
device operation. The parasitic inductance can be reduced by using a ground plane as close as possible to
top layer by using thin dielectric layer between top layer and ground plane.
2. The output filter, consisting of L and COUT, converts the switching signal at SW_Bx to the noiseless output
voltage. It must be placed as close as possible to the device keeping the switch node small, for best EMI
behavior. Route the traces between the output capacitors of the LP8732xx-Q1 and the input capacitors of the
load direct and wide to avoid losses due to the IR drop.
3. Input for analog blocks (VANA and AGND) must be isolated from noisy signals. Connect VANA directly to a
quiet system voltage node and AGND to a quiet ground point where no IR drop occurs. Place the decoupling
capacitor as close as possible to the VANA pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com