Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA191IDBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191IDBVT
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA191IDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA191IDBVT Datasheet HTML 12Page - Texas Instruments OPA191IDBVT Datasheet HTML 13Page - Texas Instruments OPA191IDBVT Datasheet HTML 14Page - Texas Instruments OPA191IDBVT Datasheet HTML 15Page - Texas Instruments OPA191IDBVT Datasheet HTML 16Page - Texas Instruments OPA191IDBVT Datasheet HTML 17Page - Texas Instruments OPA191IDBVT Datasheet HTML 18Page - Texas Instruments OPA191IDBVT Datasheet HTML 19Page - Texas Instruments OPA191IDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
±5.0
±4.0
±3.0
±2.0
±1.0
0.0
1.0
2.0
3.0
4.0
5.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
V
S = ±18 V
V
S = ±2.25 V
±5.0
±4.0
±3.0
±2.0
±1.0
0.0
1.0
2.0
3.0
4.0
5.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
V
S = ±18 V
V
S = ±2.25 V
Supply Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
120
140
160
180
200
VS = r2.25 V
VS = r18 V
0
20
40
60
80
100
120
140
160
180
200
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
V
S = ±18 V
V
S = ±2.25 V
Output Amplitude (VRMS)
0.01
0.1
1
10
20
20
0.0005
0.001
0.01
0.1
0.5
G = 1 V/V, RL = 2 k:
G = 1 V/V, RL = 10 k:
G = 1 V/V, RL = 2 k:
G = 1 V/V, RL = 10 k:
-140
-120
-100
-80
-60
-40
0.00001
0.0001
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
G = -1, 2k-
Load
G = -1, 10k-
Load
G = +1, 2k-
Load
G = +1, 10k-
Load
C004
16
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 25. THD+N vs Frequency
Figure 26. THD+N vs Output Amplitude
Figure 27. Quiescent Current vs Supply Voltage
Figure 28. Quiescent Current vs Temperature
RL = 10 kΩ
Figure 29. Open-Loop Gain vs Temperature
RL = 2 kΩ
Figure 30. Open-Loop Gain vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com