Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMTO78 Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # LMTO78
Description  Wide input, non-isolated & regulated, single output, SMD package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LMTO78 Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  LMTO78 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LMTO78 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LMTO78 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LMTO78 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 4
LMTO78_0.5 – Rev. 2019-1.0
Specifications subject to change without notice.
LMTO78_0.5 Series
Wide input, non-isolated & regulated, single output, SMD package
EMC specifications
EMI
CE
CISPR32/EN55032
CLASS B
(see EMC recommended circuit, ②)
EMI
RE
CISPR32/EN55032
CLASS B
(see EMC recommended circuit, ②)
EMS
ESD
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
EMS
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EMS
EFT
IEC/EN61000-4-4
±1KV
perf. Criteria B (see EMC recommended circuit, ①)
EMS
Surge
IEC/EN61000-4-5
line to line ±1KV
perf. Criteria B (see EMC recommended circuit, ①)
EMS
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
Typical characteristics
Part Number
Input Voltage [VDC]
Nominal
Range
Output Voltage
[VDC]
Output Current
[mA, Max]
Capacitive load
[µF, max]
Efficiency
[Vin. max]
LMTO78_03-0.5
24
4.75-36
3.3
500
680
80
LMTO78_05-0.5
24
6.5-36
5
500
680
84
LMTO78_09-0.5
24
12-36
9
500
680
90
LMTO78_12-0.5
24
15-36
12
500
680
91
LMTO78_15-0.5
24
19-36
15
500
680
93
Note: For input voltage higher than 30VDC, a 22uF/50V input capacitor is required.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com