Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3451G Datasheet(PDF) 2 Page - Micronas

Part # MSP3451G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3451G Datasheet(HTML) 2 Page - Micronas

  MSP3451G Datasheet HTML 1Page - Micronas MSP3451G Datasheet HTML 2Page - Micronas MSP3451G Datasheet HTML 3Page - Micronas MSP3451G Datasheet HTML 4Page - Micronas MSP3451G Datasheet HTML 5Page - Micronas MSP3451G Datasheet HTML 6Page - Micronas MSP3451G Datasheet HTML 7Page - Micronas MSP3451G Datasheet HTML 8Page - Micronas MSP3451G Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 102 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
2
MICRONAS INTERMETALL
Contents
Page
Section
Title
6
1.
Introduction
7
1.1.
Features of the MSP 34x1G Family and Differences to MSP 34xxD
7
1.2.
MSP 34x1G Version List
8
1.3.
MSP 34x1G Versions and their Application Fields
9
2.
Functional Description
10
2.1.
Architecture of the MSP 34x1G Family
10
2.2.
Sound IF Processing
10
2.2.1.
Analog Sound IF Input
10
2.2.2.
Demodulator: Standards and Features
11
2.2.3.
Preprocessing of Demodulator Signals
11
2.2.4.
Automatic Sound Select
11
2.3.
Preprocessing for SCART and I2S Input Signals
13
2.4.
Source Selection and Output Channel Matrix
13
2.5.
Audio Baseband Processing
13
2.5.1.
Automatic Volume Correction (AVC)
13
2.5.2.
Loudspeaker and Headphone Outputs
13
2.5.3.
Subwoofer Output
13
2.5.4.
Quasi-Peak Detector
14
2.6.
Virtual Surround System Application Tips
14
2.6.1.
Sweet Spot
14
2.6.2.
Clipping
14
2.6.3.
Loudspeaker Requirements
14
2.6.4.
Cabinet Requirements
15
2.7.
SCART Signal Routing
15
2.7.1.
SCART DSP In and SCART Out Select
15
2.7.2.
Stand-by Mode
15
2.8.
I2S Bus Interface
16
2.9.
ADR Bus Interface
16
2.10.
Digital Control I/O Pins and Status Change Indication
16
2.11.
Clock PLL Oscillator and Crystal Specifications
17
3.
Control Interface
17
3.1.
I2C Bus Interface
17
3.1.1.
Device and Subaddresses
18
3.1.2.
Description of CONTROL Register
19
3.1.3.
Protocol Description
20
3.1.4.
Proposals for General MSP 34x1G I2C Telegrams
20
3.1.4.1.
Symbols
20
3.1.4.2.
Write Telegrams
20
3.1.4.3.
Read Telegrams
20
3.1.4.4.
Examples
21
3.2.
Start-Up Sequence: Power-Up and I2C Controlling
21
3.3.
MSP 34x1G Programming Interface
21
3.3.1.
User Registers Overview
25
3.3.2.
Description of User Registers
26
3.3.2.1.
STANDARD SELECT Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com