Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWS832 Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SWS832
Description  Ceramic SMT 2 Pad Watch Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SWS832 Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SWS832 Datasheet HTML 1Page - Suntsu Electronics, Inc. SWS832 Datasheet HTML 2Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SWS832 Series
Ceramic SMT 2 Pad Watch Crystal
8.0mm x 3.7mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
SWS 83 2 12 D 48 - 40.000K
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
SUNTSU WATCH SMT
CRYSTAL
8.0mm x 3.7mm
2 PAD
OPERATING TEMPERATURE RANGE
• ±20ppm (Tolerance) Available
• High Shock and Vibration Resistant
• Tape and Reel
• Real Time Clock
• Measurement instruments
• Wireless Applications
• Harsh Environments
Features
Applications
Part Numbering Guide
COMPLIANT
FREQUENCY TOLERANCE
FREQUENCY
A : ±500ppm
B : ±250ppm
C : ±100ppm
D : ±20ppm
48 : -40°C - +85°C
41 : -40°C - +125°C
51 : -55°C - +125°C
kHz
Frequency Range
kHz
2000
30
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum
Drive Level
Insulation Resistance
@ 100VDC ± 15V.
µW
MΩ
1.0
500
Frequency Tolerance at +25ºC
See part numbering guide for options.
All dimensions are in millimeters (mm) unless otherwise noted. Drawings are not to scale.
3.7
0.15
1.5
1.75
MAX
4.20
Outline Drawing & Land Pattern
LOAD CAPACITANCE
12 : 12.5pF
10 : 10.0pF
9 : 9.0pF
4 : 4.0pF
Frequency Coefficient (ß)
Frequency Stability vs. Aging
Storage Temperature
Load Capacitance
First year @ +25ºC.
-0.035
ppm/T2
ppm
°C
-0.032
+125
12.5
-0.039
-3
-55
9.0
+3
Operating Temperature
See part numbering guide for options.
°C
+125
-55
4.0
10.0
40
60
kΩ
1.4
3.5
Series Resistance
0.12
0.04
°C
Turnover Temperature
±100
±20
30kHz - 200kHz
ppm
201kHz - 560kHz
561kHz - 2000kHz
±250
±100
±500
±100
30kHz - 200kHz
201kHz - 560kHz
561kHz - 2000kHz
pF
30kHz - 200kHz
201kHz - 560kHz
561kHz - 2000kHz
25
30
20
32
37
27
33
38
28
30kHz - 200kHz
201kHz - 560kHz
561kHz - 2000kHz


Similar Part No. - SWS832

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SWS834 SUNTSU-SWS834 Datasheet
347Kb / 2P
Plastic SMT 4 Pad Watch Crystal
SWS83412D16 SUNTSU-SWS83412D16 Datasheet
347Kb / 2P
Plastic SMT 4 Pad Watch Crystal
SWS83412D48 SUNTSU-SWS83412D48 Datasheet
347Kb / 2P
Plastic SMT 4 Pad Watch Crystal
SWS83412D48-32.768K SUNTSU-SWS83412D48-32.768K Datasheet
347Kb / 2P
Plastic SMT 4 Pad Watch Crystal
SWS83412F16 SUNTSU-SWS83412F16 Datasheet
347Kb / 2P
Plastic SMT 4 Pad Watch Crystal
More results

Similar Description - SWS832

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SWS112 SUNTSU-SWS112 Datasheet
405Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS144 SUNTSU-SWS144 Datasheet
298Kb / 2P
Plastic SMT 4 Pad Watch Crystal
SWS212 SUNTSU-SWS212 Datasheet
402Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS312 SUNTSU-SWS312 Datasheet
441Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS412 SUNTSU-SWS412 Datasheet
349Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS512 SUNTSU-SWS512 Datasheet
315Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS614 SUNTSU-SWS614 Datasheet
344Kb / 2P
Plastic SMT 4 Pad Watch Crystal
SWS834 SUNTSU-SWS834 Datasheet
347Kb / 2P
Plastic SMT 4 Pad Watch Crystal
SXT532 SUNTSU-SXT532 Datasheet
394Kb / 2P
Ceramic SMT 2 Pad Crystal
SXT632 SUNTSU-SXT632 Datasheet
387Kb / 2P
Ceramic SMT 2 Pad Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com