Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSTA05 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MMSTA05
Description  NPN General Purpose Amplifier transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMSTA05 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MMSTA05 Datasheet HTML 1Page - First Silicon Co., Ltd MMSTA05 Datasheet HTML 2Page - First Silicon Co., Ltd MMSTA05 Datasheet HTML 3Page - First Silicon Co., Ltd MMSTA05 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN General Purpose Amplifier transistors
Features
●Epoxy meets UL-94 V-0 flammability rating
●Halogen free available upon request by adding suffix ”HF”
●Moisture Sensitivity Level 1
●High Conductance
●Surface Mount Package Ideally Suited for Automatic
Insertion
Mechanical Data
Package: SOT-323
Molding compound meets UL 94 V-0 flammability rating,
RoHS-compliant, halogen-free
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Marking:
Maximum Ratings (Ta=25℃ unless otherwise noted)
Item
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
60
80
V
V
Emitter-Base Voltage
EBO
V
4
I
Collector Current
C
A
m
0
0
5
Collector Power Dissipation
PC
W
m
0
0
2
T
Operation Junction Temperature
j
0
5
1
Tstg
0
5
1
+
o
t
5
5
-
MMSTA05
1H
MMSTA06
1GM
MMSTA05
MMSTA06
MMSTA05
MMSTA06
Storage Temperature
SEMICONDUCTOR
TECHNICAL DATA
MMSTA06
2021. 01. 12
1/4
Revision No : 0
MMSTA05 ~


Similar Part No. - MMSTA05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSTA05 DIODES-MMSTA05 Datasheet
38Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30168 Rev. B-1
MMSTA05 DIODES-MMSTA05 Datasheet
80Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30168 Rev. 8 - 2
MMSTA05 DIODES-MMSTA05 Datasheet
130Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
MMSTA05-7-F DIODES-MMSTA05-7-F Datasheet
130Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
MMSTA05 DIODES-MMSTA05_1 Datasheet
80Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30168 Rev. 8 - 2
More results

Similar Description - MMSTA05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSD1819ART1 MOTOROLA-MSD1819ART1 Datasheet
153Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MSD601RT1 MOTOROLA-MSD601RT1 Datasheet
110Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount?
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
128Kb / 6P
General Purpose Amplifier Transistors(NPN Silicon)
November, 2001 ??Rev. 3
MSD1819A-RT1 ONSEMI-MSD1819A-RT1 Datasheet
101Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
E-Tech Electronics LTD
MSD601 ETL-MSD601 Datasheet
78Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
logo
Micro Commercial Compon...
MMBTA05 MCC-MMBTA05_11 Datasheet
670Kb / 4P
NPN Small Signal General Purpose Amplifier Transistors
logo
ON Semiconductor
MSD601-RT1 ONSEMI-MSD601-RT1_12 Datasheet
85Kb / 3P
NPN General Purpose Amplifier Transistors Surface Mount
July, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com