Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80CL31 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 80CL31
Description  Low-voltage single-chip 8-bit microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80CL31 Datasheet(HTML) 2 Page - NXP Semiconductors

  80CL31 Datasheet HTML 1Page - NXP Semiconductors 80CL31 Datasheet HTML 2Page - NXP Semiconductors 80CL31 Datasheet HTML 3Page - NXP Semiconductors 80CL31 Datasheet HTML 4Page - NXP Semiconductors 80CL31 Datasheet HTML 5Page - NXP Semiconductors 80CL31 Datasheet HTML 6Page - NXP Semiconductors 80CL31 Datasheet HTML 7Page - NXP Semiconductors 80CL31 Datasheet HTML 8Page - NXP Semiconductors 80CL31 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Philips Semiconductors
Product specification
80CL31/80CL51
Low-voltage single-chip 8-bit microcontrollers
2
January 1995
FEATURES
• Full static 80C51 CPU
• 8-bit CPU, ROM, RAM, 1/0 in a single 40-lead DIL / mini-pack
• 4K x 8 ROM, expandable externally to 64K bytes
• 128 bytes RAM, expandable externally to 64K bytes
• Four 8-bit ports, 321/0 lines
• Two 16-bit timer / event counters
• External memory expandable up to 128K, external ROM up to
64K and / or RAM up to 64K
• On-chip oscillator suitable for RC, LC, quartz crystal or ceramic
resonator
• Thirteen source, thirteen vector interrupt structure with two priority
levels
• Full duplex serial port (UART)
• Enhanced architecture with:
– non-page oriented instructions
– direct addressing
– four eight byte RAM register banks
– stack depth up to 128 bytes
– multiply, divide, subtract and compare instructions
• Power-Down and IDLE instructions
• Wake-up via external interrupts at Port 1
• Single supply voltage of 1.8V to 6.0V (5.0V ±10% for P80C51)
• Frequency range of 0 to 16MHz (3.5MHz to 16MHz for P80C51)
• Very low current consumption
• Operating temperature range: -40 to +85oC
DESCRIPTION
The 80CL51 is manufactured in an advanced CMOS technology.
The instruction set of the 80CL51 is based on that of the 8051. The
80CL51 is a general purpose microcontroller especially suited for
battery-powered applications. The device has low power
consumption and a wide range of supply voltage. For emulation
purposes, the 85CL000 (Piggy-back version) with 256 bytes of RAM
is recommended. The 80CL51 has two software selectable modes
of reduced activity for further power reduction: Idle and Power-down.
The 80CL51 also functions as an arithmetic processor having
facilities for both binary and BCD arithmetic plus bit-handling
capabilities. The instruction set consists of over 100 instructions: 49
one-byte, 46 two-byte, and 16 three-byte.
The P80CL31 is the ROMless version of the P80CL51. P80C51 is a
5V version of the low voltage P80CL51.
The P80CL31 is the ROMless version of the P80CL51. P80C51 is a
5V version of the low voltage P80CL51.
PIN CONFIGURATIONS
PLASTIC QUAD FLAT PACKAGE
39 38 37 36 35 34
33
32
31
30
29
28
27
26
25
24
23
22
21
40
41
42
43
44
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18 19 20
P1.5/INT7
P1.6/INT8
P1.7/INT9
RST
P3.0/RXD
NC
P3.1/TXD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
EA
ALE
PSEN
P2.7/A15
P2.6/A14
P2.5/A13
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
INT2/P1.0
RST
RXD/DATA/P3.0
TXD/CLOCK/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P2.5/A13
P2.6/A14
P2.7/A15
PSEN
ALE
EA
P0.7/AD7
P0.6/AD6
P0.5/AD5
P0.4/AD4
P0.3/AD3
P0.2/AD2
P0.1/AD1
P0.0/AD0
VDD
PLASTIC
DUAL
IN-LINE
AND
SMALL
OUTLINE
PACKAGES
INT3/P1.1
INT4/P1.2
INT5/P1.3
INT6/P1.4
INT7/P1.5
INT8/P1.6
INT9/P1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com