Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF8510C Datasheet(PDF) 8 Page - Anachip Corp

Part # AF8510C
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF8510C Datasheet(HTML) 8 Page - Anachip Corp

  AF8510C Datasheet HTML 1Page - Anachip Corp AF8510C Datasheet HTML 2Page - Anachip Corp AF8510C Datasheet HTML 3Page - Anachip Corp AF8510C Datasheet HTML 4Page - Anachip Corp AF8510C Datasheet HTML 5Page - Anachip Corp AF8510C Datasheet HTML 6Page - Anachip Corp AF8510C Datasheet HTML 7Page - Anachip Corp AF8510C Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AF8510C
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Nov 14, 2005
8/8
Marking Information
SO-8L
( Top View )
1
8
8 5 1 0 C
AA Y W
Year code:
Part Number
Week code:
Factory code
"A~Z": 01~26;
"A~Z": 27~52
"4" =2004
Logo
Package Information
Package Type: SO-8L
VIE W "A "
L
VI EW "A"
B
e
D
7
(4X
)
0.0 15x45
7
(4X
)
y
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.60
1.75
0.055
0.063
0.069
A1
0.10
-
0.25
0.040
-
0.100
A2
1.30
1.45
1.50
0.051
0.057
0.059
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.010
D
4.80
5.05
5.30
0.189
0.199
0.209
E
3.70
3.90
4.10
0.146
0.154
0.161
e
-
1.27
-
-
0.050
-
H
5.79
5.99
6.20
0.228
0.236
0.244
L
0.38
0.71
1.27
0.015
0.028
0.050
y
-
-
0.10
-
-
0.004
 
0
O
-
8
O
0
O
-
8
O



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com