Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOCFSC Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SOCFSC
Description  Metal Full Size DIP CMOS OCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SOCFSC Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SOCFSC Datasheet HTML 1Page - Suntsu Electronics, Inc. SOCFSC Datasheet HTML 2Page - Suntsu Electronics, Inc. SOCFSC Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOCFSC Series
Metal Full Size DIP CMOS OCXO
20.7mm x 13.1mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
• ±50ppb (Frequency Stability) Available
• HCMOS
• OCXO
• Small Package
• Military Communication Equipment
• Base Stations
• Test Equipment
• Synthesizers
• Digital Switching
Features
Applications
Frequency Range
Freq. Stability vs. Supply Voltage
Freq. Stability vs. Aging/Year
Freq. Stability vs. Op Temp.
Operating Temperature
Storage Temperature
VDD ±5% Change
For 10 Years
See part numbering guide for options.
See part numbering guide for options.
MHz
ppb
ppb
ppb
°C
°C
80
+20
+4.6
+60
+85
10
-20
-4.6
-50
-20
-45
Supply Voltage (VDD) - 5.0V Option
Supply Voltage (VDD) - 9.0V Option
Supply Voltage (VDD) - 12.0V Option
5.0
9.0
12.0
V
V
V
5.250
9.450
12.600
4.750
8.550
11.400
+50
Freq. Stability vs. Load
±10% Change
ppb
+20
-20
Frequency Tolerance at +25ºC
ppb
-100
+100
Power Consumption At Turn On
Control Middle Voltage
VC Input Impedance
Control Voltage (VC)
Deviation Slope
Output Logic (HCMOS)
Output Logic Level - High (VOH)
2.5
Positive
W
V
%
V
KΩ
pF
2.5
10
15
0.5
50
Output Logic Level - Low (VOL)
Rise Time (TR) And Fall Time (TF)
Symmetry (Duty Cycle)
V
V
ns
0.1*VDD
5
0.9*VDD
4.5
Linearity
±5.0
ppm
±8.0
±3.0
Power Consumption At 25°C
W
1.0
Warm-Up Time
50
%
55
45
At 25°C After 20Mins.
ppb
100
-100
Pullability
Start-Up Time
ms
3
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
SUNTSU OCXO
FULL SIZE
HCMOS
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
F : ±500ppb
I : ±200ppb
J : ±100ppb
K : ±50ppb
05 : 0°C - +50°C
15 : -10°C - +55°C
27 : -20°C - +70°C
37 : -30°C - +70°C
47 : -40°C - +70°C
MHz
SUPPLY VOLTAGE
05 : 5.0V±5%
09 : 9.0V±5%
12 : 12.0V±5%
OPERATING
TEMPERATURE RANGE
SOC FS C 05 K 15 - 10.000M


Similar Part No. - SOCFSC

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SOCFSS SUNTSU-SOCFSS Datasheet
476Kb / 3P
Metal Full Size DIP Sinewave OCXO
SOCFSS03F05 SUNTSU-SOCFSS03F05 Datasheet
476Kb / 3P
Metal Full Size DIP Sinewave OCXO
SOCFSS03F15 SUNTSU-SOCFSS03F15 Datasheet
476Kb / 3P
Metal Full Size DIP Sinewave OCXO
SOCFSS03F27 SUNTSU-SOCFSS03F27 Datasheet
476Kb / 3P
Metal Full Size DIP Sinewave OCXO
SOCFSS03F48 SUNTSU-SOCFSS03F48 Datasheet
476Kb / 3P
Metal Full Size DIP Sinewave OCXO
More results

Similar Description - SOCFSC

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I401 ILSI-I401 Datasheet
43Kb / 2P
Leaded Oscillator, OCXO Metal Package, Full Size DIP
logo
Suntsu Electronics, Inc...
SOC20C SUNTSU-SOC20C Datasheet
416Kb / 3P
Metal DIP CMOS OCXO
SOC25C SUNTSU-SOC25C Datasheet
400Kb / 3P
Metal DIP CMOS OCXO
SOC36C SUNTSU-SOC36C Datasheet
415Kb / 3P
Metal DIP CMOS OCXO
SOC38C SUNTSU-SOC38C Datasheet
436Kb / 3P
Metal DIP CMOS OCXO
SOC50C SUNTSU-SOC50C Datasheet
451Kb / 3P
Metal DIP CMOS OCXO
SOC50S SUNTSU-SOC50S Datasheet
509Kb / 3P
Metal DIP CMOS OCXO
SOCFSS SUNTSU-SOCFSS Datasheet
476Kb / 3P
Metal Full Size DIP Sinewave OCXO
STCFSC SUNTSU-STCFSC Datasheet
346Kb / 3P
Metal Full Size Dip CMOS (VC)TCXO
SVCFSC SUNTSU-SVCFSC Datasheet
374Kb / 3P
Metal Full Size Dip CMOS VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com