Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2UB05 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # D2UB05
Description  UL recognition, file #E230084
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

D2UB05 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  D2UB05 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd D2UB05 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd D2UB05 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D2UB05 THRU D2UB100
Features
● UL recognition, file #E230084
● Ideal for printed circuit boards
● High surge current capability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
General purpose use in AC/DC bridge full wave
rectification for monitor, TV, printer, power supply, switching
mode power supply, adapter, audio equipment, and home
appliances applications.
Mechanical Data
● Package: D3K
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: As marked on body
■Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
D2UB05
D2UB10
D2UB20
D2UB40
D2UB60
D2UB80 D2UB100
Device marking code
D2UB05
D2UB10
D2UB20
D2UB40
D2UB60
D2UB80 D2UB100
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output
current @60Hz sine wave,
R-load
With heatsink
Tc =140℃
IO
A
2.0
Without heatsink
Ta =29℃
1.2
Surge(non-repetitive)forward current
@60Hz half sine wave, 1 cycle, Tj=25℃
IFSM
A
60
Current squared time
@
1ms≤t≤8.3ms Tj=25℃, Rating of per diode
I
2t
A
2s
15
Storage temperature
Tstg
℃
-55 ~+150
Junction temperature
Tj
℃
-55 ~+150
Dielectric strength
@ Terminals to case, AC 1 minute
Vdis
KV
2
Mounting torque
@Recommend torque:5kg·cm
Tor
kg·cm
8
■Electrical Characteristics(T
a=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
D2UB05 D2UB10 D2UB20 D2UB40 D2UB60 D2UB80 D2UB100
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=1.0A
1.00
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM
μA
VRM=VRRM
5
+
~
~
-
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - D2UB05

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
D2UB05 KINGTRONICS-D2UB05 Datasheet
348Kb / 2P
Single Phase 2.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
logo
SeCoS Halbleitertechnol...
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
D2UB05 YANGJIE-D2UB05 Datasheet
159Kb / 4P
Bridge Rectifiers
D2UB05 YANGJIE-D2UB05 Datasheet
159Kb / 4P
Bridge Rectifiers
logo
RFE international
D2UB05 RFE-D2UB05 Datasheet
2Mb / 3P
Bridge Rectifiers
06-FEB-2023
More results

Similar Description - D2UB05

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS12S1203C MURATA-PS-NCS12S1203C Datasheet
444Kb / 14P
UL 60950 recognition pending 4:1 Wide range voltage input
logo
Nell Semiconductor Co.,...
MTP500 NELLSEMI-MTP500 Datasheet
375Kb / 3P
UL recognition file number E320098
MTPT150 NELLSEMI-MTPT150 Datasheet
501Kb / 5P
UL recognition file number E320098
logo
Allied Components Inter...
AEE14-3888-A ALLIED-AEE14-3888-A Datasheet
1Mb / 2P
Meets UL Class B 130C UL File number E349541
AEFD153-4204 ALLIED-AEFD153-4204 Datasheet
1Mb / 2P
Built to meet UL Class B 130 File Number E349541
AEW15-3889-A ALLIED-AEW15-3889-A Datasheet
2Mb / 3P
EW15 Transformer, Meet UL Class B 130C UL File number E349541
logo
Amphenol Corporation
CL-11 AMPHENOL-CL-11 Datasheet
68Kb / 4P
UL Approval (UL 1434 File# E82830)
logo
Vishay Siliconix
VS-HFA90NH40PBF VISHAY-VS-HFA90NH40PBF Datasheet
152Kb / 7P
UL approved file E222165
19-Mar-15
logo
Allied Components Inter...
AETD39-3644 ALLIED-AETD39-3644_18 Datasheet
885Kb / 2P
UL Class B 130 Insulation System File
logo
OSRAM GmbH
SFH4060 OSRAM-SFH4060 Datasheet
975Kb / 17P
Gesture Recognition
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com