Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR301 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # FR301
Description  Plastic Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

FR301 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  FR301 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd FR301 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR301-FR307
塑封快恢复整流二极管
反向电压 50 ~ 1000 V
正向电流 3.0 A
特征 Features
● 反向漏电流低 Low reverse leakage
● 正向浪涌承受能力强 High forward surge capability
● 高信赖性 High reliability
● 高温焊接保证 High temperature soldering guaranteed:
260℃/10 秒, 引线长度:0.375" (9.5mm)
260℃/10seconds,9.5mm lead length
● 引线和管体皆符合RoHS标准
Lead and body according with RoHS standard
● 型号后缀“-F”标记无卤素产品
Green compound with suffix "-F" on Marking
机械数据 Mechanical Data
● 封装外形:DO-27 塑封 Case:DO-27 Molded plastic
● 环氧树脂:UL易燃等级:94V-0
Epoxy: UL 94V-0 rate flame retardant
● 引脚:镀锡,无铅 Lead: Pure tin plated, lead free
最大值和特性 TA = 25℃ 除非另有规定。
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压 Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
正向不重复浪涌电流 8.3 ms单一正弦半波
Non-repetitive peak forward surge current
8.3 ms singlehalf sine-wave
最大正向电压 @IF=3.0A
Maximum forward voltage
最大反向电流 @VDC
TA= 25℃
Maximum reverse current
TA= 100℃
典型热阻 Typical thermal resistance (Note 1)
典型结电容 VR=4.0V,f=1MHz
Type junction capacitance
工作结温和存储温度
Operating junction and storage temperature rang
备注 Note:
1) 引线长度 0.375" (9.5 mm) ,安装在PCB板上,从PN结到周围环境的热阻。
1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, PCB mounted.
1000
1.3
600
400
300
430
560
A
150
500
V
280
FR
304
FR
305
FR
306
800
FR
307
1000
700
单位
V
400
V
RθJA
μA
IR
Tj, TSTG
ns
最大反向恢复时间 IF=0.5A , IR=1.0A ,IRR=0.25A
25
60
符号
Symbols
MAX. reverse recovery time
Trr
VRMS
VRRM
VDC
IF(AV)
IFSM
VF
A
V
3.0
50
50
100
Plastic Fast Recovery Rectifiers
Reverse Voltage 50 ~ 1000 V
Forward Current 3.0 A
Maximum Ratings & Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
参数
Parameter
FR
303
35
140
70
FR
302
FR
301
Cj
5
Unit
600
800
100
300
125
-55 --- +150
℃
℃/W
pF
100
DO-27
Unit: inch (mm)
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - FR301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
3.0A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR301 ZOWIE-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR301 RECTRON-FR301 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
FR301 JGD-FR301 Datasheet
143Kb / 2P
3.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR301 BYTES-FR301 Datasheet
152Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR301

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR10 FCI-FR10 Datasheet
117Kb / 2P
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
Pan Jit International I...
1F1 PANJIT-1F1_04 Datasheet
41Kb / 2P
FAST RECOVERY PLASTIC RECTIFIERS
logo
First Components Intern...
1N4933 FCI-1N4933 Datasheet
113Kb / 2P
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
BY500-100 SEMTECH_ELEC-BY500-100 Datasheet
177Kb / 2P
SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
RGP10A SEMTECH_ELEC-RGP10A Datasheet
133Kb / 2P
FAST RECOVERY PLASTIC RECTIFIERS
logo
Pan Jit International I...
1F1 PANJIT-1F1_09 Datasheet
66Kb / 2P
FAST RECOVERY PLASTIC RECTIFIERS
logo
First Components Intern...
FR10G FCI-FR10G Datasheet
416Kb / 2P
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
Shanghai Leiditech Elec...
MURS320 LEIDITECH-MURS320 Datasheet
779Kb / 2P
Plastic Epitaxial Fast Recovery Rectifiers
logo
Rectron Semiconductor
MURS420 RECTRON-MURS420 Datasheet
755Kb / 6P
Plastic Epitaxial Fast Recovery Rectifiers
logo
Shanghai Leiditech Elec...
FR201 LEIDITECH-FR201 Datasheet
613Kb / 2P
Plastic Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com