Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2VV Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2VV
Description  Super-mini Signal Conditioners Mini-M Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2VV Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2VV Datasheet HTML 1Page - M-System Co.,Ltd. M2VV Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: M2VV
M2VV SPECIFICATIONS
ES-5017 Rev.6 Page 1/2
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
VOLTAGE DIVIDER
Functions & Features
• Steps down a voltage too high to be input to a general
transmitter
• Divided to 1/1000 or by a specified ratio
Model
23 (.91)
76
(2.99)
124
(4.88)
mm (inch)
MODEL: M2VV-[1][2]
ORDERING INFORMATION
• Code number: M2VV-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. M2VV-1/Q)
• Special ratio (e.g. 1/300)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] DIVIDING RATIO
1: 1/1000
0: Specify
[2] OPTIONS
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
INPUT & OUTPUT
Dividing ratio: 1/300 – 1/1000
Input voltage: Any specific DC voltage value up to ±1200 V
Input resistance: Approx. 1.1 MΩ
Output voltage: Input Voltage × Dividing Ratio
Output resistance: Approx. 1.1 kΩ with 1/1000 ratio;
Output Resistance [kΩ] ≈ Dividing Ratio × 1100
INSTALLATION
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
(Multiple installation bases can not be used.)
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of dividing ratio
Accuracy: ±0.2 %
Temp. coefficient: ±0.005 %/°C (±0.003 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input or output
to ground)


Similar Part No. - M2VV

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V28D20ATP-75 MITSUBISHI-M2V28D20ATP-75 Datasheet
1Mb / 36P
128M Double Data Rate Synchronous DRAM
M2V28D30ATP-75 MITSUBISHI-M2V28D30ATP-75 Datasheet
1Mb / 36P
128M Double Data Rate Synchronous DRAM
M2V28D40ATP-75 MITSUBISHI-M2V28D40ATP-75 Datasheet
1Mb / 36P
128M Double Data Rate Synchronous DRAM
M2V28S20ATP MITSUBISHI-M2V28S20ATP Datasheet
743Kb / 51P
128M Synchronous DRAM
M2V28S20ATP-6 MITSUBISHI-M2V28S20ATP-6 Datasheet
743Kb / 51P
128M Synchronous DRAM
More results

Similar Description - M2VV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com