Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2SED Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2SED
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2SED Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2SED Datasheet HTML 1Page - M-System Co.,Ltd. M2SED Datasheet HTML 2Page - M-System Co.,Ltd. M2SED Datasheet HTML 3Page - M-System Co.,Ltd. M2SED Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M2SED
M2SED SPECIFICATIONS
ES-5042 Rev.16 Page 2/4
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
■ Relay Contact:
100 V AC @5 A (cos ø = 1)
120 V AC @5 A (cos ø = 1)
240 V AC @2.5 A (cos ø = 1)
30 V DC @5 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
Maximum switching power: 600 VA or 150 W
Minimum load: 5 V DC @10 mA
Mechanical life: 5 × 107 cycles
0
50
100
▲
Input
(%)
Setpoint 2
▲
Setpoint 1
Output 1
(5–7)ON
Output 2
(3–9)ON
(3–6)ON
(5–8)ON
Alarm Trip Operation
Terminal No. in parentheses
Trip Operation in Power Failure: Terminals 3 – 9 and 5 – 8 turn on.
INSTALLATION
Power Consumption
•AC:
Approx. 3 VA at 100 V
Approx. 4 VA at 200 V
Approx. 5 VA at 264 V
•DC: Approx. 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Installation Base (model: M2BS) is not adaptable.
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Setpoint accuracy: ±0.5 %
Trip point repeatability: ±0.05 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: 0.5 ± 0.2 sec. (0 – 100 % at 90 % setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Installation Category II (power)
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL general safety requirements
(UL 61010B-1, CAN/CSA-C22.2 No.1010-1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com