Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8569 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8569
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8569 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8569 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
WM8569
Product Preview
w
PP Rev 1.1 December 2005
28
By default, ADCLRC and DOUT are sampled on the rising edge of ADCBCLK and should ideally
change on the falling edge. Data sources that change ADCLRC and DOUT on the rising edge of
ADCBCLK can be supported by setting the ADCBCP register bit. Setting ADCBCP to 1 inverts the
polarity of ADCBCLK to the inverse of that shown in Figure 11 to Figure 17
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001100
Interface Control
5
ADCBCP
0
ADCBCLK Polarity (DSP Modes):
0: normal BCLK polarity
1: inverted BCLK polarity
MUTE PIN DECODE
The MUTE pin can either be used an output or an input. As an output it indicated 1024 consecutive
zero samples to the DAC. By default selecting the MUTE to represent if the DAC has received more
than 1024 midrail samples will cause the MUTE to be asserted as a softmute on the DAC. Disabling
the decode block will cause any logical high on the MUTE pin to apply a softmute to the DAC.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001100
ADC Control
6
MPD
0
MUTE Pin Decode Disable:
0: MUTE pin decode enable
1: MUTE pin decode disable
DAC DIGITAL VOLUME CONTROL
The DAC volume may also be adjusted in the digital domain using independent digital attenuation
control registers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
LDA[7:0]
11111111
(0dB)
Digital Attenuation data for Left channel DACL in 0.5dB steps. See
Table 9
0000000
Digital
Attenuation
DACL
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store LDA in intermediate latch (no change to output)
1: Store LDA and update attenuation on all channels
7:0
RDA[6:0]
11111111
(0dB)
Digital Attenuation data for Right channel DACR in 0.5dB steps. See
Table 9
0000001
Digital
Attenuation
DACR
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store RDA in intermediate latch (no change to output)
1: Store RDA and update attenuation on all channels.
7:0
MASTDA
[7:0]
11111111
(0dB)
Digital Attenuation data for all DAC channels in 0.5dB steps. See
Table 9
0001000
Master
Digital
Attenuation
(all channels)
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store gain in intermediate latch (no change to output)
1: Store gain and update attenuation on all channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com