Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2301 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC2301
Description  Tri-State Buffer ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2301 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC2301 Datasheet HTML 1Page - Torex Semiconductor XC2301 Datasheet HTML 2Page - Torex Semiconductor XC2301 Datasheet HTML 3Page - Torex Semiconductor XC2301 Datasheet HTML 4Page - Torex Semiconductor XC2301 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tri-State Buffer ICs
Series
117
1
The 2301 Series are a group of high frequency, CMOS low power tri-
state buffer ICs with input amplifier, divider and output tri-state buffer
circuits built-in.
Output can be selected from any one of the following values for fin (input
frequency) : fin/1, fin/2, fin/4, fin/8.
The series is available in an ultra small SOT-26 package.
■General Description
Max. Operating Frequency : 160MHz
Operating Voltage Range : 3.3V ± 10%
Divider Ratio
: Selectable from fin/1, fin/2, fin/4, fin/8
Output
: 3-State
Ultra Small Package
: SOT-26
GVCXO Modules
GCrystal Oscillator Modules
■Features
■Applications
NCMOS Low Power Consumption
NMaximum Operating Frequency : 160MHz
NBuilt-In Input Amplifier
N3-State Output
NDivider Circuit
NMini Mold SOT-26 Package
*Stand-by control pin has a pull-up resistor built-in.
PIN
NUMBER
1
PIN NAME
FUNCTION
Clock Output
2
3
4
/INH
XT
VSS
Q0
Stand-by Control (*)
Clock Input
GND
5VDD
Power Supply
6
/XT
Feedback Resistor Connection (Output)
1
2
4
3
5
6
VDD
XT
Q0
XT
VSS
INH
SOT-26
(TOP VIEW)
■Pin Configuration
■Pin Assignment
Preliminary
Clock Output
High impedance
/INH
"H" or OPEN
Q0
"L"
■Function List
G/INH, Q0 Pin Function
01S_18XC2301 02.09.12 11:41 ページ 117


Similar Part No. - XC2301

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2301 TOREX-XC2301 Datasheet
206Kb / 5P
Tri-State Buffer ICs
XC2301 TOREX-XC2301 Datasheet
209Kb / 6P
Tri-State Buffer ICs
XC2301 TOREX-XC2301 Datasheet
116Kb / 6P
Tri-State Buffer ICs
XC2301-12 TOREX-XC2301-12 Datasheet
116Kb / 6P
Tri-State Buffer ICs
XC2301C51248VMR-G TOREX-XC2301C51248VMR-G Datasheet
116Kb / 6P
Tri-State Buffer ICs
More results

Similar Description - XC2301

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2300 TOREX-XC2300 Datasheet
260Kb / 6P
Tri-State Buffer ICs
XC2301 TOREX-XC2301_1 Datasheet
206Kb / 5P
Tri-State Buffer ICs
XC2300 TOREX-XC2300_1 Datasheet
235Kb / 7P
Tri-State Buffer ICs
XC2301_001 TOREX-XC2301_001 Datasheet
209Kb / 6P
Tri-State Buffer ICs
XC2301 TOREX-XC2301_2 Datasheet
116Kb / 6P
Tri-State Buffer ICs
XC2300 TOREX-XC2300_12 Datasheet
132Kb / 7P
Tri-State Buffer ICs
XC2301 TOREX-XC2301_12 Datasheet
116Kb / 6P
Tri-State Buffer ICs
XC2300-12 TOREX-XC2300-12 Datasheet
132Kb / 7P
Tri-State Buffer ICs
XC2300 TOREX-XC2300_15 Datasheet
132Kb / 7P
Tri-State Buffer ICs
XC2301 TOREX-XC2301_15 Datasheet
116Kb / 6P
Tri-State Buffer ICs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com