Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC391LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC391LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC391LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC391LP4 Datasheet HTML 1Page - Analog Devices HMC391LP4 Datasheet HTML 2Page - Analog Devices HMC391LP4 Datasheet HTML 3Page - Analog Devices HMC391LP4 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 30
MMIC VCO w/ BUFFER
AMPLIFIER, 3.9 - 4.45 GHz
v03.0209
General Description
Features
Functional Diagram
The HMC391LP4 & HMC391LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs
with
integrated
resonators,
negative
resistance
devices,
varactor
diodes,
and
buffer
amplifiers.
Covering 3.9 to 4.45 GHz, the VCO’s phase noise
performance is excellent over temperature, shock,
vibration and process due to the oscillator’s monolithic
structure.
Power output is 5.0 dBm typical from a
single supply of +3V @ 30 mA. The voltage controlled
oscillator is packaged in a low cost leadless QFN 4 x 4
mm surface mount package.
Pout: +5.0 dBm
Phase Noise: -106 dBc/Hz @100 KHz
No External Resonator Needed
Single Supply: +3V @ 30 mA
24 Lead 4x4mm QFN Package: 9 mm2
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier for:
• VSAT & Microwave Radio
• Radio Altimetry
• Test Equipment & Industrial Controls
• Military
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
3.9 - 4.45
GHz
Power Output
1.5
5.0
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-106
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc) (Vcc = +3V)
30
40
mA
Tune Port Leakage Current
10
μA
Output Return Loss
7dB
Harmonics
2nd
3rd
-9
-23
dBc
dBc
Pulling (into a 2.0:1 VSWR)
8.0
MHz pp
Pushing @ Vtune= +5V
16
MHz/V
Frequency Drift Rate
0.5
MHz/°C
HMC391LP4 / 391LP4E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC391LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC391LP4 HITTITE-HMC391LP4 Datasheet
285Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC391LP4 HITTITE-HMC391LP4 Datasheet
238Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC391LP4E HITTITE-HMC391LP4E Datasheet
238Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
More results

Similar Description - HMC391LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC390LP4 HITTITE-HMC390LP4 Datasheet
281Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC391LP4 HITTITE-HMC391LP4 Datasheet
285Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC429LP4 HITTITE-HMC429LP4 Datasheet
274Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
HMC384LP4 HITTITE-HMC384LP4_06 Datasheet
314Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC390LP4 HITTITE-HMC390LP4_06 Datasheet
365Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC390LP4 HITTITE-HMC390LP4_08 Datasheet
252Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 3.55 - 3.9 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC429LP4 HITTITE-HMC429LP4_08 Datasheet
244Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com