Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT2222AL Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMBT2222AL
Description  General Purpose Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMBT2222AL Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMBT2222AL Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMBT2222AL Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMBT2222AL Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LMBT2222AL Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LMBT2222AL Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LMBT2222AL Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.001
0.01
0.1
1
IC, Collector Current (A)
-55℃
25℃
150℃
VCE=1V
0.0E+00
5.0E-12
1.0E-11
1.5E-11
2.0E-11
2.5E-11
3.0E-11
3.5E-11
0.1
1
10
100
VR, Reverse Voltage (V)
Cobo
Cibo
1
10
100
1000
0.0001
0.001
0.01
0.1
1
IC,Collector Current
(A)
VCE=1V
Figure 5. Base Emitter Voltage vs. Collector Current
Figure 6. Capacitance
Figure 7
. Current−Gain Bandwidth Product
Rev : 01.06.2014
/6
www.leiditech.com
LMBT2222AL
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com