Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC8622 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FDMC8622
Description  PoE-PD Interface Controller, IEEE 802.3bt
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMC8622 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FDMC8622 Datasheet HTML 9Page - ON Semiconductor FDMC8622 Datasheet HTML 10Page - ON Semiconductor FDMC8622 Datasheet HTML 11Page - ON Semiconductor FDMC8622 Datasheet HTML 12Page - ON Semiconductor FDMC8622 Datasheet HTML 13Page - ON Semiconductor FDMC8622 Datasheet HTML 14Page - ON Semiconductor FDMC8622 Datasheet HTML 15Page - ON Semiconductor FDMC8622 Datasheet HTML 16Page - ON Semiconductor FDMC8622 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NCP1095
www.onsemi.com
13
PoE System Overview
The overall PoE standard distinguishes between four
Types of PSEs and four Types of PDs.
• Type 1 PSEs and PDs behave according to 802.3af/at
• Type 2 PSEs and PDs behave according to 802.3at
• Type 3 and 4 PSEs and PDs behave according to 802.3bt
Table 5 gives an overview of the system parameters that
are allowed and required for operation at a certain power
level (assigned Class).
An important parameter is the cable DC resistance
(determined by cable type and length).
In general a Cat 5 cable is required when using a Type 3
or Type 4 PD or PSE in the system or when both PSE and PD
are of Type 2.
Operation over 4-pair is reserved for Type 3 and 4 PSEs.
Table 5. SYSTEM PARAMETERS OVERVIEW
Assigned
Class
PSE Type
Minimum
Cabling
Type
Number of
Powered Pairs
PD Type
Requested
Class
Standard
1
1
Cat 3 (Note 8)
2p
1
1
802.3af/at
2
Cat 3
3, 4
Cat 3
2p/4p
3
802.3bt
2
1, 2
Cat 3
2p
1
2
802.3af/at
3
Cat 5 (Note 9)
2p/4p
3
802.3bt
4
Cat 5
3
1
Cat 3
2p
1
0, 3
802.3af
1
Cat 3 (Note 10)
2p
1
0, 3
802.3at
2
4
2
Cat 3
1
0, 3
802.3af/at
2
4
802.3at
3, 4
Cat 5
2p/4p
3
3, 4/5/6
802.3bt
4
7/8
4
2
Cat 5
2p
2
4
802.3at
3, 4
2p/4p
3
4/5/6
802.3bt
4
7/8
5
3, 4
Cat 5
4p
3
5
802.3bt
6
3, 4
Cat 5
4p
3
6
802.3bt
4
7, 8
7
4
Cat 5
4p
4
7
802.3bt
8
4
Cat 5
4p
4
8
802.3bt
8. Critical for: 44 V/4 W source connected to 3.84 W load over 20 W.
9. Critical for: 50 V/6.7 W source connected to 6.49 W load over 12.5 W.
10.Critical for: 44 V/15.4 W source connected to 13 W load over 20 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com