Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA56L Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMBTA56L
Description  We declare that the material of product compliant with RoHS requirements and Halogen Free.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMBTA56L Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMBTA56L Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBTA56L Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBTA56L Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBTA56L Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBTA56L Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ELRCTRICAL CHARACTERISTICS CURVES
FIG.6 Collector Saturation Region
FIG.7 Base Emitter Voltage vs. Collector Current
0.0
0.2
0.4
0.6
0.8
1.0
5.0E-05
5.0E-04
5.0E-03
5.0E-02
IB (A)
IC=10mA
IC=50mA
IC=100mA
IC=250mA
IC=500mA
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.0001
0.001
0.01
0.1
1
IC (A)
-55℃
25℃
150℃
VCE=1V
MMBTA56L
S-MMBTA56L
Rev :
www.leiditech.com
01.06.2014
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com