Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM150 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM150
Description  Fast tripping resettable circuit protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM150 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM150 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Small size of 1812
Fast tripping resettable circuit protection
Surface mount packaging for automated assembly
Agency Recognition: UL、CSA、TUV
Product Dimensions (mm)
A
B
C
D
Part number
Max
Max
Max
Max
SM150
9.50
3.00
6.71
0.70
Part Marking System
Electrical Characteristics
IH
IT
Vmax
Imax
Ttrip
Pd typ
Rmin
R1max
Part number
(A)
(A)
(V)
(A)
Current(A)
Time(S)
(W)
(Ω)
(Ω)
SM150
1.50
3.00
33
40
8.0
5.0
2.1
0.060
0.250
IH=Hold current: maximum current at which the device will not trip at 25℃ still air.
IT=Trip current: minimum current at which the device will always trip at 25℃ still air.
Vmax=Maximum voltage device can withstand without damage at rated current.
Imax=Maximum fault current device can withstand without damage at rated voltage.
Ttrip=Maximum time to trip(s) at assigned current.
Pdtyp=Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
Rmin=Minimum device resistance at 25℃ prior to tripping.
R1max=Maximum device resistance measured in the nontripped state 1 hour post reflow.
Solder Reflow Recommendations
Solder Pad Layouts
C
A
BB
A
A
B
C
Part number
(mm)
(mm)
(mm)
SM150
4.6
2.3
10.7
* Recommended reflow methods: IR, Vapor phase oven, hot air oven,
wave solder.
* Devices can be cleaned using standard industry methods and
solvents.
50
100
150
250
Stable Heat
Preheat
40
80
120
160
200
240
280
320
360
t(sec)
T( )
℃
Reflow
200
Cool
Maximum package Body Temperature(240 )
℃
Melting Temperature of Solder(183 )
℃
Notes:
If reflow temperatures exceed the recommended profile, devices may
not meet the performance requirements.
Package Information
Tape & Reel: 2000pcs per reel.
Wayon symbol
Current rating
SM150
Phone: +86- 021-50828806
Email:sale1@leiditech.com
http://www.leiditech.com
SHANGHAI LEIDITECH ELECTRONICS TECHNOLOGY CO., LTD
1/1


Similar Part No. - SM150

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM150 RECTRON-SM150 Datasheet
25Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM150 BYTES-SM150 Datasheet
148Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SM150 DCCOM-SM150 Datasheet
415Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SM150 FORMOSA-SM150 Datasheet
66Kb / 2P
Silicon epitaxial planer type
logo
DAESAN ELECTRONIC CORP.
SM150 DAESAN-SM150 Datasheet
264Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 20 to 60 Volts
More results

Similar Description - SM150

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMF020-2 BOURNS-MF-USMF020-2 Datasheet
380Kb / 4P
Fast tripping resettable circuit protection
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
Polymer Resettable Circuit Protectors
logo
Shanghai Leiditech Elec...
NSM016 LEIDITECH-NSM016 Datasheet
492Kb / 1P
Fast tripping resettable circuit protection
LP-MSM014 LEIDITECH-LP-MSM014 Datasheet
493Kb / 1P
Fast tripping resettable circuit protection
SMD2920P300TF24 LEIDITECH-SMD2920P300TF24 Datasheet
448Kb / 2P
Fast tripping resettable circuit protection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com