Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC53C Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # STC53C
Description  Ceramic SMT 4 Pad CMOS (VC)TCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

STC53C Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  STC53C Datasheet HTML 1Page - Suntsu Electronics, Inc. STC53C Datasheet HTML 2Page - Suntsu Electronics, Inc. STC53C Datasheet HTML 3Page - Suntsu Electronics, Inc. STC53C Datasheet HTML 4Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STC53C Series
Ceramic SMT 4 Pad CMOS (VC)TCXO
5.0mm x 3.2mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
• ±1.0ppm (Frequency Stability) Available
• CMOS
• (VC)TCXO
• Tape and Reel
• Base Stations
• IP networking
• Cellular and Cordless Phones
Features
Applications
Frequency Range
Freq. Stability vs. Supply Voltage
Storage Temperature
Freq. Stability vs. Op Temp.
Supply Voltage (VDD)
VDD ±5% Change
1 Year
See part numbering guide for options.
See part numbering guide for options.
MHz
ppm
ppm
ppm
°C
°C
40
+0.3
+1.0
+85
+125
6
-0.3
-1.0
-1.0
-40
-55
Current (IDD)
Current Voltage (VC, VCTCXO)
Freq. Stability vs. Aging
See part numbering guide for options.
Center Voltage: VDD*50%
3.3
V
mA
V
3.465
6
VDD
3.135
0
+1.0
Operating Temperature
±5% Change
ppm
+0.3
-0.3
Frequency Tolerance at +25ºC
I hour after Reflow
ppm
-1.5
+1.5
Pullability (VCTCXO)
Output Logic LOW Level (VOL)
Output Load (CMOS)
Start-Up Time
VC Input Impedance (VCTCXO)
See part numbering guide for options.
-85
ppm
V
%
pF
ms
kΩ
dBc/Hz
±12.0
0.2*VDD
60
3
±5.0
40
100
Phase Noise (Typical) 10Hz Offset
Phase Noise (Typical) 100Hz Offset
Phase Noise (Typical) 1KHz Offset
-115
-135
-145
dBc/Hz
dBc/Hz
dBc/Hz
15
Symmetry (Duty Cycle)
ns
5
Linearity (VCTCXO)
%
10
-150
dBc/Hz
Rise (TR) And Fall (TF) Time
Output Logic HIGH Level (VOH)
V
0.8*VDD
Freq. Stability vs. Load
Phase Noise (Typical) 10KHz Offset
Phase Noise (Typical) 100KHz Offset
STC 53 C 33 R 48 V E - 19.440M
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
SUNTSU TCXO
5.0mm x 3.2mm
CMOS
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
N : ±5.0ppm
O : ±2.5ppm
P : ±2.0ppm
Q : ±1.5ppm
R : ±1.0ppm
07 : 0°C - +70°C
16 : -10°C - +60°C
17 : -10°C - +70°C
27 : -20°C - +70°C
38 : -30°C - +85°C
48 : -40°C - +85°C
MHz
SUPPLY VOLTAGE
25 : 2.5V±5%
27 : 2.7V±5%
30 : 3.0V±5%
33 : 3.3V±5%
PULLABILITY
BLANK : TCXO
E : ±12.0ppm
F : ±8.0ppm
G : ±5.0ppm
TCXO/VCTCXO
BLANK : TCXO
V : VCTCXO
OPERATING
TEMPERATURE RANGE
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum


Similar Part No. - STC53C

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
STC53K SUNTSU-STC53K Datasheet
837Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC53K25N07 SUNTSU-STC53K25N07 Datasheet
837Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC53K25N07A SUNTSU-STC53K25N07A Datasheet
837Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC53K25N07E SUNTSU-STC53K25N07E Datasheet
837Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC53K25N07EA SUNTSU-STC53K25N07EA Datasheet
837Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
More results

Similar Description - STC53C

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SST75C SUNTSU-SST75C Datasheet
785Kb / 4P
Ceramic Stratum 3 SMT 10 Pad CMOS (VC)TCXO
SST75K SUNTSU-SST75K Datasheet
870Kb / 4P
Ceramic Stratum 3 SMT 10 Pad Clipped Sinewave (VC)TCXO
STC11K SUNTSU-STC11K Datasheet
335Kb / 3P
Ceramic SMD 4 Pad Clipped Sinewave (VC)TCXO
STC21K SUNTSU-STC21K Datasheet
440Kb / 3P
Ceramic SMT 6 Pad Clipped Sinewave (VC)TCXO
STC22K SUNTSU-STC22K Datasheet
600Kb / 3P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC32C SUNTSU-STC32C Datasheet
856Kb / 4P
Ceramic SMT 4 Pad CMOS (VC)TCXO
STC32K SUNTSU-STC32K Datasheet
902Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC53K SUNTSU-STC53K Datasheet
837Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC75C SUNTSU-STC75C Datasheet
702Kb / 4P
Ceramic SMT 10 Pad CMOS (VC)TCXO
STC75K SUNTSU-STC75K Datasheet
788Kb / 4P
Ceramic SMT 10 Pad Clipped Sinewave (VC)TCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com