Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL33197 Datasheet(PDF) 1 Page - Integral Corp.

Part # IL33197
Description  AUTOMOTIVE WASH WIPER TIMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL33197 Datasheet(HTML) 1 Page - Integral Corp.

  IL33197 Datasheet HTML 1Page - Integral Corp. IL33197 Datasheet HTML 2Page - Integral Corp. IL33197 Datasheet HTML 3Page - Integral Corp. IL33197 Datasheet HTML 4Page - Integral Corp. IL33197 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IL33197
1
AUTOMOTIVE WASH WIPER TIMER
The IL33197A is a standard wiper timer control device designed for harsh automotive applications. The
device can perform the intermittent, after wash, and continuous wiper timer functions. It is designed to
directly drive a wiper motor relay. The IL33197A requires very few external components for full system
implementation. The intermittent control pin can be switched to ground or Vbat to meet a large variety of
possible applications. The intermittent timing can be fixed or adjustable via an external resistor. The
IL33197A is built using bipolar technology and parametrically specified over the automotive ambient
temperature range and 8.0 to 16 V supply voltage. The IL33197A can operate in both front and rear wiper
applications.
Adjustable Time Interval of Less Than 500 ms to
More Than 30 s
Intermittent Control Pin Can Be Switched to Ground
or Vbat
Adjustable After Wipe Time
Priority to Continuous Wipe
Minimum Number of Timing Components
Integrated Relay Driver With Free Wheeling
Protection Diode
Operating Voltage Range From 8.0 to 16 V
For Front Wiper and Rear Wiper Window
Applications
8
1
PIN CONNECTIONS
This device contains 60 active transistors.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Supply Voltage (VPin 6)
VCC
16
V
Storage Temperature
Tstg
–55 to +150
oC
Thermal Resistance (Junction–to–
Ambient)
RθJA
100
oC/W
Operating Ambient Temperature Range
TA
–40 to +125
oC
Operating Junction Temperature Range
TJ
–40 to +150
oC
Maximum Junction Temperature
TJ(max)
150
oC
Representative Block Diagram


Similar Part No. - IL33197

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL33197A IKSEMICON-IL33197A Datasheet
214Kb / 7P
Automotive Wash Wiper Timer
IL33197AD IKSEMICON-IL33197AD Datasheet
214Kb / 7P
Automotive Wash Wiper Timer
IL33197AD-01 IKSEMICON-IL33197AD-01 Datasheet
214Kb / 7P
Automotive Wash Wiper Timer
IL33197AN IKSEMICON-IL33197AN Datasheet
214Kb / 7P
Automotive Wash Wiper Timer
IL33197AN-01 IKSEMICON-IL33197AN-01 Datasheet
214Kb / 7P
Automotive Wash Wiper Timer
More results

Similar Description - IL33197

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
Rear Wiper Interval/Wipe-Wash Control
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
Interval- and Wipe/ Wash Wiper Control IC
logo
KODENSHI_AUK CORP.
KK33197A KODENSHI-KK33197A Datasheet
222Kb / 7P
Automotive Wash Wiper Timer
logo
IK Semicon Co., Ltd
IL33197A IKSEMICON-IL33197A Datasheet
214Kb / 7P
Automotive Wash Wiper Timer
logo
Motorola, Inc
MC33197A MOTOROLA-MC33197A Datasheet
267Kb / 8P
Automotive Wash Wiper Timer
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
INTERVAL AND WIPE/WASH WIPER CONTROL IC
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
INTERVAL- and WIPE/WASH WIPER CONTROL IC
IL33197A IKSEMICON-IL33197A_16 Datasheet
337Kb / 7P
Automotive Wash Wiper Timer
logo
Motorola, Inc
MC33197 MOTOROLA-MC33197 Datasheet
113Kb / 8P
AUTOMOTIVE WASH WIPER TIMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com