Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83003 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT83003
Description  Q-Voice
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83003 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT83003 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83003 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83003 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83003 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83003 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83003 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83003 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83003 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83003 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
A.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock (RC OSC)
3V
¾
4
¾
8
MHz
fTIMER
Timer Input Frequency
3V
¾
0
¾
8
MHz
tWDTOSC
Watchdog Oscillator
3V
¾
45
90
180
ms
tWDT
Watchdog Time-out Period (RC)
3V
Without WDT prescaler
12
23
45
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Power-up or wake-up from
HALT
¾
1024
¾
tSYS
Characteristics Curves
R vs. F Characteristics Curve
HT83XXX
Rev. 0.10
6
August 25, 2003
Preliminary
9
8
7
6
5
4
3
R ( k W )
4 . 5 V
3 . 0 V
6 2
7 2
8 2
9 2
1 0 2
H T 8 3 X X X R v s . F C h a r t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com