Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83006 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT83006
Description  Q-Voice
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83006 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT83006 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83006 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83006 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83006 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83006 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83006 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83006 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83006 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83006 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HT83XXX
Rev. 0.10
10
August 25, 2003
Preliminary
Data Memory
- RAM
The data memory is designed with 80
´8 bits. The data
memory is further divided into two functional groups,
namely, special function registers (00H~2AH) and gen-
eral purpose user data memory (30H~7FH). Although
most of them can be read or be written to, some are read
only.
The special function registers include an indirect ad-
dressing register (R0:00H), memory pointer register
(MP0:01H), accumulator (ACC:05H), program counter
lower-order byte register (PCL:06H), table pointer
(TBLP:07H), table higher-order byte register
(TBLH:08H), status register (STATUS:0AH), interrupt
control register 0 (INTC:0BH), timer counter 0
(TMR0:0DH), timer counter 0 control register
(TMR0C:0EH), timer counter 1 (TMR1L:10H), timer
counter 1 control register (TMR1C:11H), I/O registers
(PA:12H), I/O control registers (PAC:13H), voice ROM
address latch0[21:0] (LATCH0H:18H, LATCH0M:19H,
LATCH0L:1AH), time base control bit EBTI (INTC.1),
PWM control register (PWMCR:26H), PWM output
(PWMD:28H), voice ROM latch data register
(LATCHD:2AH).
The general purpose data memory, addressed from
30H~7FH, is used for data and control information un-
der instruction commands.
The areas in the RAM can directly handle the arithmetic,
logic, increment, decrement and rotate operations. Ex-
cept some dedicated bits, each bit in the RAM can be
set and reset by
²SET [m].i² and ²CLR [m].i². They are
also indirectly accessible through the Memory Pointer
register 0 (MP0:01H).
S p e c i a l P u r p o s e
D A T A M E M O R Y
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
3 0 H
7 F H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 F H
: U n u s e d .
R e a d a s " 0 "
M P 0
R 0
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R 0
T M R 0 C
T M R 1
T M R 1 C
P A
P A C
L A T C H 0 H
L A T C H 0 M
L A T C H 0 L
P W M D
L A T C H D
G e n e r a l P u r p o s e D a t a M e m o r y
P W M C R
RAM Mapping
Address RAM Mapping
Read/Write
Description
00H
R0
R/W
Indirect addressing register 0
01H
MP0
R/W
Memory pointer 0
05H
ACC
R/W
Accumulator
06H
PCL
R/W
Program counter lower-order byte address
07H
TBLP
R/W
Table pointer lower-order byte register
08H
TBLH
R
Table higher-order byte content register
09H
WDTS
R/W
Watchdog Timer option setting register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com