Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83048 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT83048
Description  Q-Voice
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83048 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT83048 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 19Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 20Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 21Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
HT83XXX
Rev. 0.10
18
August 25, 2003
Preliminary
Audio Output
- PWMD (28H)
The HT83XXX provides one 8-bit PWM interface for driving an external 8
W speaker. The programmer must write the
voice data to register PWMD (28H)
Pulse Width Modulation Control Register
- PWMCR (26H)
Bit 7
Bit 6 (R/W)
Bit 5 (R/W)
Bit 4
Bit 3 (R/W)
Bit 2 (R/W)
Bit 1
Bit 0 (R/W)
¾
P1
P0
¾
Single_PWM
VROMC
¾
PWMC
S y s t e m c l o c k
P r e s c a l e r
P W M D a t a
B u f f e r ( 2 8 H )
7 B i t s C o u n t e r
( B i t 6 ~ B i t 0 )
D a t a B u s
O v e r f l o w
P W M D A C 1 f o r S P E A K E R
F 0
S t a r t b i t
2 6 H . 0
D i v .
P W M I
F 2
C K
P E
D
C K
R
V D D
F 1
Q
Q
P W M D A C 2 f o r S P E A K E R
B i t 7 ( s i g n b i t )
PWM
PWMC: Start bit of PWM output
· PWM start counter: 0 to 1
· PWM stop counter: 1 to 0
After waiting one cycle end , stop the PWM counter and
keep in low signal
VROMC: Enable voice ROM power circuit (1=enable;
0=disable)
Single_PWM: Driving PWM signal only by PWM1 port.
(1=enable; 0=disable)
The HT83xxx provides an 8-bit (bit 7 is a sign bit, if Sin-
gle_PWM = 0) PWM interface. The PWM provides two
pad outputs: PWM1, PWM2 which can directly drive a
piezo or a 8
W speaker without adding any external ele-
ment (green mode), or using only port PWM1 (Set Sin-
gle_PWM = 1) to drive piezo or a 8
W speaker with
external element.
When Setting Single_PWM = 1, choose voice
data7~data1 as the output data (no sign bit on it).
Setting data to P0 and P1 can generate various sam-
pling rates (5kHz/6kHz/8kHz):
P1 P0
Sampling
Rate
Carrier
frequency
Preload
Times
PWM Code
Range
0
0
5kHz
30kHz
6
1~127
0
1
6kHz
30kHz
5
1~127
1
0
8kHz
32kHz
4
1~124
¾¾
XX
X
X
If the sign bit is 0, then the signal is output to PWM1and
the PWM2 will get a GND level voltage after setting start
bit to 1. If the sign bit is 1, then the signal is output to
PWM2 and the PWM1 will get a GND level voltage after
setting start bit to 1.
PWM ½ output Initial low level , and stop in low level
If PWMC from low to high then start PWM output and
5kHz/6kHz/8kHz latch new data , if no update then keep
the old value.
If PWMC from high to low, in duty end, stop PWM output
and stop the counter.
Voice ROM Data Address Latch Counter
The voice ROM data address latch counter is the hand-
shaking between the microcontroller and voice ROM,
where the voice codes are stored. One 8-bit of voice
ROM data will be addressed by setting 18-bit address
latch counter LATCH0H/LATCH0M/LATCH0L. After the
8-bit voice ROM data is addressed, a few instruction cy-
cles (4
ms at least) will be generated to latch the voice
ROM data, then the microcontroller can read the voice
data from LATCHD (2AH).
Example: Read an 8-bit voice ROM data which is lo-
cated at address 000007H by address latch 0
set
[26H].2
; Enable voice ROM circuit
mov
A, 07H
;
mov
LATCH0L, A ; Set LATCH0L to 07H
mov
A, 00H
;
mov
LATCH0M, A ; Set LATCH0M to 00H
mov
A, 00H
;
mov
LATCH0H, A ; Set LATCH0H to 00H
call
Delay Time
; Delay a short period of time
mov
A, LATCHD
; Get voice data at 000007H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com