Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83072 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT83072
Description  Q-Voice
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83072 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT83072 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83072 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83072 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83072 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83072 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83072 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83072 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83072 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83072 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
HT83XXX
Rev. 0.10
12
August 25, 2003
Preliminary
Labels
Bits
Function
C
0
C is set if an operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate
through carry instruction.
AC
1
AC is set if an operation results in a carry out of the low nibbles in addition or no borrow from the
high nibble into the low nibble in subtraction; otherwise AC is cleared.
Z
2
Z is set if the result of an arithmetic or logical operation is zero; otherwise Z is cleared.
OV
3
OV is set if an operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
PDF
4
PDF is cleared by system power-up or executing the
²CLR WDT² instruction. PDF is set by ex-
ecuting the
²HALT² instruction.
TO
5
TO is cleared by system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is
set by a WDT time-out.
¾
6, 7
Unused bit, read as
²0²
Status Register
Interrupts
The HT83XXX provides two 8-bit programmable timer
interrupts, and a time base interrupt. The Interrupt Con-
trol registers (INTC:0BH) contain the interrupt control
bits to set to enable/disable and the interrupt request
flags.
Once an interrupt subroutine is serviced, all other inter-
rupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may happen during this interval but
only the interrupt request flag is recorded. If a certain in-
terrupt needs servicing within the service routine, the
EMI bit and the corresponding INTC bit may be set to al-
low interrupt nesting. If the stack is full, the interrupt re-
quest will not be acknowledged, even if the related
interrupt is enabled, until the SP is decremented. If im-
mediate service is desired, the stack must be prevented
from becoming full.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack and then
branching to subroutines at the specified location(s) in
the program memory. Only the program counter is
pushed onto the stack. The programmer must save the
contents of the register or status register (STATUS) in
advance if they are altered by an interrupt service pro-
gram which corrupts the desired control sequence.
The Internal Timer Counter 0 Interrupt is initialized by
setting the timer counter 0 interrupt request flag (T0F:bit
5 of INTC), caused by a timer counter 0 overflow. When
the interrupt is enabled, and the stack is not full and the
T0F bit is set, a subroutine call to location 08H will occur.
The related interrupt request flag (T0F) will be reset and
the EMI bit cleared to disable further interrupts.
The Internal Timer Counter 1 Interrupt is initialized by
setting the timer counter 1 interrupt request flag (T1F:bit
6 of INTC), caused by a timer counter 1 overflow. When
the interrupt is enabled, and the stack is not full and the
T1F bit is set, a subroutine call to location 0CH will oc-
cur. The related interrupt request flag (T1F) will be reset
and the EMI bit cleared to disable further interrupts.
Time Base Interrupt is triggered by set INTC.1 (ETBI)
which sets the related interrupt request flag (TBF:bit 4 of
INTC). When the interrupt is enabled, and the stack is
not full and the external interrupt is active, a subroutine
call to location 04H will occur. The interrupt request flag
(TBF) and EMI bits will be cleared to disable other inter-
rupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgment are held until the RETI instruc-
tion is executed or the EMI bit and the related interrupt
control bit are set to 1 (of course, if the stack is not full).
To return from the interrupt subroutine, the RET or RETI
instruction may be invoked. RETI will set the EMI bit to
enable an interrupt service, but RET will not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests,
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
The timer counter 0/1 interrupt request flag (T0F/T1F)
which enables timer counter 0/1 control bit (ET0I/ET1I),
the time base interrupt request flag (TBF) which enables
time base control bit (ETTBI) from the interrupt control
register (INTC:0BH) EMI, ETBI, ET0I, ET1I are used to
control the enabling/disabling of interrupts. These bits
prevent the requested interrupt begin serviced. Once
the interrupt request flags (T0F, T1F, TBF) are set, they
will remain in the INTC register until the interrupts are
serviced or cleared by a software instruction.
It is recommended that application programs do not use
CALL subroutines within an interrupt subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately in some applications. If only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com