Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2001CSK Datasheet(PDF) 7 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # SM2001CSK
Description  N-Channel and P-Channel MOSFET uses advanced trench technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

SM2001CSK Datasheet(HTML) 7 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  SM2001CSK Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM2001CSK Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM2001CSK Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM2001CSK Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM2001CSK Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM2001CSK Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM2001CSK Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM2001CSK Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SM2001CSK Datasheet HTML 9Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.doingter.cn
—
—
7
Typical Electrical and Thermal Characteristics
P
Figure 1:Switching Test Circuit
TJ-Junction Temperature(℃)
Figure 3 Power Dissipation
Vds Drain-Source Voltage (V)
Figure 5 Output Characteristics
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
TJ-Junction Temperature(℃)
Figure 4 Drain Current
ID- Drain Current (A)
Figure 6 Drain-Source On-Resistance
SM 2001CSK



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com