Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ15RF2V Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ15RF2V
Description  Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ15RF2V Datasheet(HTML) 4 Page - Sharp Corporation

  PQ15RF2V Datasheet HTML 1Page - Sharp Corporation PQ15RF2V Datasheet HTML 2Page - Sharp Corporation PQ15RF2V Datasheet HTML 3Page - Sharp Corporation PQ15RF2V Datasheet HTML 4Page - Sharp Corporation PQ15RF2V Datasheet HTML 5Page - Sharp Corporation PQ15RF2V Datasheet HTML 6Page - Sharp Corporation PQ15RF2V Datasheet HTML 7Page - Sharp Corporation PQ15RF2V Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
244
Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF21/PQ05RF2V Series
Fig. 7 Output Voltage Minute Adjustment
Characteristics (PQ12RF2V)
Fig. 9 Output Voltage Deviation vs. Junction
Temperature (PQ05RF2/PQ05RF21/PQ05RF2V)
Fig.11 Output Voltage Deviation vs. Junction
Temperature (PQ12RF2/PQ12RF21/PQ12RF2V)
Fig.10 Output Voltage Deviation vs. Junction
Temperature (PQ09RF2/PQ09RF21/PQ09RF2V)
Fig.12 Output Voltage Deviation vs. Junction
Temperature (PQ15RF2/PQ15RF21/PQ15RF2V)
Fig. 8 Output Voltage Minute Adjustment
Characteristics (PQ15RF2V)
103
104
105
10.8
12.0
13.2
R1=390
Ω
R1=1k
Ω
R1=3.9k
Ω
R2 (
Ω)
103
104
105
13.5
15.0
16.5
R1=390
Ω
R1=1k
Ω
R1=3.9k
Ω
R2 (
Ω)
VIN =7V
IO =0.5A
–25
0
50
25
100
75
125
150
100
50
0
–50
–100
Junction temperature Tj (˚C)
VIN=15V
IO=0.5A
–25
0
50
25
100
75
125
250
150
100
50
0
–50
–100
–150
Junction temperature Tj (˚C)
–200
–25
0
50
25
100
75
125
250
200
150
100
50
0
–50
–100
–150
Junction temperature Tj (˚C)
VIN=18V
IO=0.5A
VIN =23V
Io=0.5A
–200
–25
0
50
25
100
75
125
250
200
150
100
50
0
–50
–100
–150
Junction temperature Tj (˚C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com