Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBO-10C Datasheet(PDF) 5 Page - CUI INC

Part # PBO-10C
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10C Datasheet(HTML) 5 Page - CUI INC

  PBO-10C Datasheet HTML 1Page - CUI INC PBO-10C Datasheet HTML 2Page - CUI INC PBO-10C Datasheet HTML 3Page - CUI INC PBO-10C Datasheet HTML 4Page - CUI INC PBO-10C Datasheet HTML 5Page - CUI INC PBO-10C Datasheet HTML 6Page - CUI INC PBO-10C Datasheet HTML 7Page - CUI INC PBO-10C Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
cui.com
date 11/12/2020
│ page 5 of 8
CUI Inc
│ SERIES: PBO-10C │ DESCRIPTION: AC-DC POWER SUPPLY
APPLICATION DESIGN REFERENCE
PBO-10C Series additional component selection guide (no EMC devices)
Part no.
C11
(required)
C2
(required)
L1
(required)
C32
(required)
C4
CY1
(required)
TVS3
PBO-10C-3
22μF/450V
820μF/16V
(solid-state capacitor)
2.2μH
max 15mΩ/6.5A
150μF/35V
0.1μF/50V
(ceramic
capacitor)
1.0nF/400Vac
SMBJ7.0A
PBO-10C-5
SMBJ7.0A
PBO-10C-9
270uF/16V
(solid-state capacitor)
SMBJ12A
PBO-10C-12
SMBJ20A
PBO-10C-15
470uF/35V
220μF/35V
SMBJ20A
PBO-10C-24
SMBJ30A
Note:
1. Recommended to use a capacitor with ripple current >300 mA at 100 kHz.
2. Recommended to use a high frequency, low ESR, electrolytic capacitor with at least 20% margin on voltage rating.
3. A suppressor diode (TVS) is recommended to protect the downstream application in case of converter failure and should be rated for a minimum of 1.2 times
the converter’s output voltage.
PBO-10C Series Enviromental and EMC selection guide
Recommended
circuit
Application
enviromental
Typical
industry
Input voltage
range
Enviroment
temperature
Emissions
Immunity
1
Basic application
None
85~305Vac
-40°C to 85°C
Class A
Class III
2
Indoor civil
enviroment
Smart home/Home
appliances (2 Y-caps)
-25°C to 55°C
Class B
Class III
Indoor general
enviroment
Intelligent building/
Intelligent
agriculture
3
Indoor industrial
Manufacturing workoshop
-25°C to 55°C
Class B
Class IV
4
Outdoor general
enviroment
ITS/Video monitoring/
Charging point/Com-
munication/Security and
protection
-40°C to 85°C
Class A
Class IV
Immunity design circuits reference
Emissions design circuits reference
Class III
Class IV
Class A
Class B
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com